Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS494D Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS494D
Description  0.4 A, 40 V Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS494D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS494D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS494D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS494D
0.4 A, 40 V
Surface Mount Schottky Barrier Rectifier
17-Nov-2009 Rev. A
Page 1 of 2
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Circuit
03F
Marking
K1,A2
A1
K2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SCS494D is designd for low power rectification.
FEATURE
♦
Two diodes with serial
♦
High reliability
MARKING CODE
ABSOLUTE MAXIMUM RATINGS at TA = 25°C
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
40
V
Maximum RMS Voltage
VRMS
28
V
Maximum DC Blocking Voltage
VDC
25
V
Peak Forward Surge Current at 8.3 m Sec single half sine-wave
IFSM
2.0
A
Typical Junction Capacitance between Terminal
1
CJ
20
pF
Maximum Average Forward Rectified Current
IO
0.4
A
Total Power Dissipation
PD
225
mW
Junction, Storage Temperature
TJ, TSTG
125, -40~125
°C
ELECTRICAL CHARACTERISTICS (at T
A = 25°C unless otherwise specified)
PARAMETERS
SYMBOL
MIN.
MAX.
UNIT
TEST CONDITIONS
Maximum Instantaneous Forward Voltage
VF1
-
0.3
V
IF1 = 10mA
Maximum Instantaneous Forward Voltage
VF2
-
0.5
V
IF2 = 200mA
Maximum Average Reverse Current
IR
-
70
µA
VR = 25V
Note: 1. Measured at 1.0MHz and applied reverse voltage of 10.0 volts.
2. ESD sensitive product handling required.
SC-59
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0.10 REF.
B
2.25
3.00
H
0.40 REF.
C
1.30
1.70
J
0.10
0.20
D
1.00
1.40
K
0.45
0.55
E
1.70
2.30
L
0.85
1.15
F
0.35
0.50


Similar Part No. - SCS494D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS494D SECOS-SCS494D_15 Datasheet
236Kb / 2P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SCS494D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS491D SECOS-SCS491D_09 Datasheet
337Kb / 2P
1.0 A, 25 V Surface Mount Schottky Barrier Rectifier
SCS495D SECOS-SCS495D Datasheet
240Kb / 2P
0.4 Amp Surface Mount Schottky Barrier Rectifiers
logo
NXP Semiconductors
PMEG4010ETR NXP-PMEG4010ETR Datasheet
204Kb / 13P
High-temperature 40 V, 1 A Schottky barrier rectifier
26 September 2012
logo
Nexperia B.V. All right...
PMEG4010EP-Q NEXPERIA-PMEG4010EP-Q Datasheet
254Kb / 12P
40 V, 1 A low VF Schottky barrier rectifier
20 February 2023
PMEG4010ER-Q NEXPERIA-PMEG4010ER-Q Datasheet
259Kb / 12P
40 V, 1 A low VF Schottky barrier rectifier
16 November 2022
PMEG4030ER-Q NEXPERIA-PMEG4030ER-Q Datasheet
261Kb / 13P
40 V, 3 A low VF Schottky barrier rectifier
16 November 2022
PMEG4050EP-Q NEXPERIA-PMEG4050EP-Q Datasheet
258Kb / 12P
40 V, 5 A low VF Schottky barrier rectifier
20 February 2023
BAT165A-Q NEXPERIA-BAT165A-Q Datasheet
226Kb / 10P
40 V, 0.75 A medium power Schottky barrier rectifier
28 September 2022
PMEG4010CEGW-Q NEXPERIA-PMEG4010CEGW-Q Datasheet
267Kb / 11P
40 V, 1 A low VF Schottky barrier rectifier
30 March 2022
PMEG4010EP NEXPERIA-PMEG4010EP Datasheet
254Kb / 12P
40 V, 1 A low VF Schottky barrier rectifier
20 February 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com