Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD12 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SD12 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SD12
Download  SD12 Download
File Size   165.23 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Plasetic Encapsulate ESD Protection Diodes

SD12 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD12 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SD12
Download  SD12 Click to download

File Size   165.23 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Plasetic Encapsulate ESD Protection Diodes

SD12 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SD12 Product details

DESCRIPTION

The SD12 is designed to protect voltage sensitive components from ESD. Excellent clamping capability, low leakage, and fast response time provide best in class protection on designs that are exposed to ESD. Because of its small size, it is suited for use in cellular phones, MP3 players, digital cameras and many other portable applications where board space is at a premium.



APPLICATIONS

• Stand-off voltage: 12V

• Low leakage

• Response time is typically < 1 ns

• ESD rating of class 3 (>16kV) per human body model

• IEC61000-4-2 level 4 ESD protection

• These are Pb-Free devices



 




Similar Part No. - SD12

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD12 SEMTECH-SD12 Datasheet
137Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
ON Semiconductor
SD12 ONSEMI-SD12 Datasheet
216Kb / 2P
Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
logo
Semtech Corporation
SD12 SEMTECH-SD12 Datasheet
150Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Shanghai Leiditech Elec...
SD12 LEIDITECH-SD12 Datasheet
150Kb / 3P
500W Unidirectional TVS Diode
logo
Sangdest Microelectroni...
SD12 SMC-SD12 Datasheet
160Kb / 5P
Solid-state silicon-avalanche technology
More results


Similar Description - SD12

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STESD03 SECOS-STESD03 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD07 SECOS-STESD07 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
SD12 SECOS-SD12_15 Datasheet
201Kb / 3P
Plasetic Encapsulate ESD Protection Diodes
STESD07 SECOS-STESD07_15 Datasheet
137Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12_15 Datasheet
137Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12-C SECOS-STESD12-C Datasheet
118Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD05C-C SECOS-STESD05C-C Datasheet
100Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD05-C SECOS-STESD05-C Datasheet
226Kb / 3P
Plastic Encapsulate ESD Protection Diodes
SNESD05C SECOS-SNESD05C_16 Datasheet
184Kb / 3P
Plastic Encapsulate ESD Protection Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com