Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD12 Datasheet (PDF) - Sangdest Microelectronic (Nanjing) Co., Ltd

SD12 Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd
Part # SD12
Download  SD12 Download
File Size   160.75 Kbytes
Page   5 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description Solid-state silicon-avalanche technology

SD12 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD12 Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SD12
Download  SD12 Click to download

File Size   160.75 Kbytes
Page   5 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description Solid-state silicon-avalanche technology

SD12 Datasheet (HTML) - Sangdest Microelectronic (Nanjing) Co., Ltd


SD12 Product details

Description

The SDxx TVS diodes are designed to replace multilayer varistors (MLVs) in portable applications such as cell phones, notebook computers, and PDA’s. They offer superior electrical characteristics such as lower clamping voltage and no device degradation when compared to MLVs. The SDxx series TVS diodes are designed to protect sensitive semiconductor components from damage or upset due to electrostatic discharge (ESD) and other voltage induced transient events.



Features

• 350 Watts peak pulse power (tp = 8/20μs)

• Transient protection for data lines to

   IEC 61000-4-2 (ESD) ±25kV (air), ±10kV (contact)

   IEC 61000-4-4 (EFT) 40A (5/50ns)

   IEC 61000-4-5 (Lightning) 24A (8/20μs)

• Small package for use in portable electronics

• Suitable replacement for MLV’s in ESD protection applications

• Protects one I/O or power line

• Low clamping voltage

• Working voltages: 5V and 12V

• Low leakage current

• Solid-state silicon-avalanche technology



Applications

• Cell Phone Handsets and Accessories

• Microprocessor based equipment

• Personal Digital Assistants (PDA’s)

• Notebooks, Desktops, and Servers

• Portable Instrumentation

• Pagers Peripherals



 




Similar Part No. - SD12

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD12 SEMTECH-SD12 Datasheet
137Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
ON Semiconductor
SD12 ONSEMI-SD12 Datasheet
216Kb / 2P
Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
logo
Semtech Corporation
SD12 SEMTECH-SD12 Datasheet
150Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
SeCoS Halbleitertechnol...
SD12 SECOS-SD12 Datasheet
165Kb / 3P
Plasetic Encapsulate ESD Protection Diodes
logo
Shanghai Leiditech Elec...
SD12 LEIDITECH-SD12 Datasheet
150Kb / 3P
500W Unidirectional TVS Diode
More results


Similar Description - SD12

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DPA4119 CRYDOM-DPA4119 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Kersemi Electronic Co.,...
IRFM120A KERSEMI-IRFM120A Datasheet
725Kb / 6P
Avalanche Rugged Technology
logo
Gennum Corporation
0552T GENNUM-0552T Datasheet
147Kb / 7P
Solid-state silicon-avalanche technology
2357NQ GENNUM-2357NQ Datasheet
995Kb / 8P
Solid-state technology
logo
Surge Components
SES12VN1010-5 SURGE-SES12VN1010-5 Datasheet
263Kb / 4P
Solid-state silicon-avalanche technology
logo
Fairchild Semiconductor
SSP4N80AS FAIRCHILD-SSP4N80AS Datasheet
192Kb / 7P
Avalanche Rugged Technology
logo
Guangdong Youtai Semico...
PESD12VL2BT UMW-PESD12VL2BT Datasheet
442Kb / 3P
Solid-state silicon-avalanche technology
PESD12VS2UT UMW-PESD12VS2UT Datasheet
544Kb / 4P
Solid-state silicon-avalanche technology
PESD15VL1BA UMW-PESD15VL1BA Datasheet
286Kb / 4P
Solid-state silicon-avalanche technology
PESD5V0L1BA UMW-PESD5V0L1BA Datasheet
620Kb / 4P
Solid-state silicon-avalanche technology
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com