Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5150DS Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM5150DS Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM5150DS
Download  SM5150DS Download
File Size   129.43 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 150 V 5Amp. Schottky Barrier Rectifiers

SM5150DS Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5150DS Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM5150DS
Download  SM5150DS Click to download

File Size   129.43 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 150 V 5Amp. Schottky Barrier Rectifiers

SM5150DS Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SM5150DS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM5150DS SECOS-SM5150DS_15 Datasheet
284Kb / 2P
5Amp. Schottky Barrier Rectifiers
More results


Similar Description - SM5150DS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR10150 SECOS-SBR10150 Datasheet
169Kb / 2P
VOLTAGE 150 V 10.0 Amp Schottky Barrier Rectifiers
SBR30150R SECOS-SBR30150R_11 Datasheet
230Kb / 2P
Voltage 150 V 30.0 Amp Schottky Barrier Rectifiers
SM10150D SECOS-SM10150D_11 Datasheet
457Kb / 2P
Voltage 150 V 10A Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
MBR05100AJ3 CYSTEKEC-MBR05100AJ3 Datasheet
246Kb / 8P
5Amp. Schottky Barrier Rectifiers
MBR05200J3 CYSTEKEC-MBR05200J3 Datasheet
257Kb / 7P
5Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM5200DS SECOS-SM5200DS Datasheet
227Kb / 2P
VOLTAGE 200 V 5Amp. Schottky Barrier Rectifiers
SM5150DS SECOS-SM5150DS_15 Datasheet
284Kb / 2P
5Amp. Schottky Barrier Rectifiers
SM5200DS SECOS-SM5200DS_15 Datasheet
227Kb / 2P
5Amp. Schottky Barrier Rectifiers
MBR10150 SECOS-MBR10150 Datasheet
134Kb / 2P
Voltage 150 V 10.0 Amp Schottky Barrier Rectifiers
MBR10150F SECOS-MBR10150F Datasheet
142Kb / 2P
Voltage 150 V 10.0 Amp Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com