Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM10150D Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM10150D Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM10150D_11
Download  SM10150D Download
File Size   457.75 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 150 V 10A Schottky Barrier Rectifiers

SM10150D Datasheet (PDF)

Go To PDF Page Download Datasheet
SM10150D Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM10150D_11
Download  SM10150D Click to download

File Size   457.75 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 150 V 10A Schottky Barrier Rectifiers

SM10150D Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SM10150D_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM10150D SECOS-SM10150D_15 Datasheet
489Kb / 2P
10A Schottky Barrier Rectifiers
More results


Similar Description - SM10150D_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR10150 SECOS-SBR10150 Datasheet
169Kb / 2P
VOLTAGE 150 V 10.0 Amp Schottky Barrier Rectifiers
SBR10150F SECOS-SBR10150F Datasheet
172Kb / 2P
VOLTAGE 150 V 10.0 Amp Schottky Barrier Rectifiers
SM5150DS SECOS-SM5150DS Datasheet
129Kb / 2P
VOLTAGE 150 V 5Amp. Schottky Barrier Rectifiers
SBR30150R SECOS-SBR30150R_11 Datasheet
230Kb / 2P
Voltage 150 V 30.0 Amp Schottky Barrier Rectifiers
SBR40150R SECOS-SBR40150R Datasheet
227Kb / 2P
Voltage 150 V 40.0 Amp Schottky Barrier Rectifiers
SM10100DS SECOS-SM10100DS_11 Datasheet
275Kb / 2P
VOLTAGE 100 V 10A Schottky Barrier Rectifiers
MBR10150 SECOS-MBR10150 Datasheet
134Kb / 2P
Voltage 150 V 10.0 Amp Schottky Barrier Rectifiers
MBR10150F SECOS-MBR10150F Datasheet
142Kb / 2P
Voltage 150 V 10.0 Amp Schottky Barrier Rectifiers
MBR20150F SECOS-MBR20150F Datasheet
147Kb / 2P
Voltage 150 V 20.0 Amp Schottky Barrier Rectifiers
SM3150A SECOS-SM3150A Datasheet
192Kb / 2P
Voltage 150 V 3.0 A Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com