Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6328 Datasheet (PDF) - Intersil Corporation

ISL6328 Datasheet PDF - Intersil Corporation
Part # ISL6328
Download  ISL6328 Download
File Size   1245.29 Kbytes
Page   33 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual PWM Controller For Powering AMD SVI Split-Plane Processors

ISL6328 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6328 Datasheet PDF - Intersil Corporation

Part # ISL6328
Download  ISL6328 Click to download

File Size   1245.29 Kbytes
Page   33 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual PWM Controller For Powering AMD SVI Split-Plane Processors

ISL6328 Datasheet (HTML) - Intersil Corporation


ISL6328 Product details

Dual PWM Controller For Powering AMD SVI Split-Plane Processors



The ISL6328 dual PWM controller delivers high efficiency and tight regulation from two synchronous buck DC/DC converters. The ISL6328 supports power control of AMD processors, which operate from a serial VID interface (SVI). The dual output ISL6328 features a multi-phase controller to support the Core voltage (VDD) and a single phase controller to power the Northbridge (VDDNB).



Features

• Processor Core Voltage Via Integrated Multi-Phase Power Conversion

• Configuration Flexibility

- 1 or 2-Phase Operation with Internal Drivers

- 3 or 4-Phase Operation with External PWM Drivers

• PSI_L Support

- Phase Shedding for Improved Efficiency at Light Load

- Diode Emulation in PSI mode

- Gate Voltage Optimization

• Precision Core Voltage Regulation

- Differential Remote Voltage Sensing

- ±0.6% System Accuracy Over-Temperature

• Optimal Processor Core Voltage Transient Response

- Adaptive Phase Alignment (APA)

- Active Pulse Positioning Modulation

• Fully Differential, Continuous DCR Current Sensing

- Accurate Load Line Programming

- Precision Channel Current Balancing

- Temperature Compensated

• Serial VID interface Handles up to 3.4MHz Clock Rates

• Two Level Overcurrent Protection Allows for High Current Throttling (IDD_SPIKE)

• Multi-tiered Overvoltage Protection

• Selectable Switching Frequency up to 1MHz

• Simultaneous Digital Soft-Start of Both Outputs




Similar Part No. - ISL6328

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6328 RENESAS-ISL6328 Datasheet
1Mb / 33P
Dual PWM Controller For Powering AMD SVI Split-Plane Processors
ISL6328A RENESAS-ISL6328A Datasheet
1Mb / 33P
Dual PWM Controller For Powering AMD SVI Split-Plane Processors
ISL6328ACRZ RENESAS-ISL6328ACRZ Datasheet
1Mb / 33P
Dual PWM Controller For Powering AMD SVI Split-Plane Processors
ISL6328CRZ RENESAS-ISL6328CRZ Datasheet
1Mb / 33P
Dual PWM Controller For Powering AMD SVI Split-Plane Processors
ISL6328IRZ RENESAS-ISL6328IRZ Datasheet
1Mb / 33P
Dual PWM Controller For Powering AMD SVI Split-Plane Processors
More results


Similar Description - ISL6328

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6323A INTERSIL-ISL6323A Datasheet
840Kb / 35P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
March 23, 2009
ISL6323B INTERSIL-ISL6323B Datasheet
842Kb / 35P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
March 23, 2009
ISL6324A INTERSIL-ISL6324A Datasheet
870Kb / 39P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
April 29, 2010
ISL6324A INTERSIL-ISL6324A Datasheet
1Mb / 39P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
April 29, 2010
ISL6329 INTERSIL-ISL6329 Datasheet
1Mb / 38P
Dual PWM Controller Powering AMD SVI Split-Plane Processors
logo
Renesas Technology Corp
ISL6323 RENESAS-ISL6323 Datasheet
1Mb / 36P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6328 RENESAS-ISL6328 Datasheet
1Mb / 33P
Dual PWM Controller For Powering AMD SVI Split-Plane Processors
ISL6328A RENESAS-ISL6328A Datasheet
1Mb / 33P
Dual PWM Controller For Powering AMD SVI Split-Plane Processors
ISL6329 RENESAS-ISL6329 Datasheet
1Mb / 38P
Dual PWM Controller Powering AMD SVI Split-Plane Processors
ISL6323B RENESAS-ISL6323B Datasheet
1Mb / 35P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
Mar 23, 2009
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com