Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFY340 Datasheet (PDF) - Seme LAB

IRFY340 Datasheet PDF - Seme LAB
Part # IRFY340
Download  IRFY340 Download
File Size   14.91 Kbytes
Page   2 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS

IRFY340 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFY340 Datasheet PDF - Seme LAB

Part # IRFY340
Download  IRFY340 Click to download

File Size   14.91 Kbytes
Page   2 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS

IRFY340 Datasheet (HTML) - Seme LAB


IRFY340 Product details

BVDSS 400V
ID 8.7A
RDS(on) 0.55Ω

FEATURES
• HERMETICALLY SEALED TO-220 METAL PACKAGE
• SIMPLE DRIVE REQUIREMENTS
• ALL LEADS ISOLATED FROM CASE
• LIGHTWEIGHT
• SCREENING OPTIONS AVAILABLE




Similar Part No. - IRFY340

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFY340 SEME-LAB-IRFY340 Datasheet
97Kb / 2P
N?밅HANNEL POWER MOSFET FOR HI-REL APPLICATIONS
logo
International Rectifier
IRFY340 IRF-IRFY340 Datasheet
148Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY340C IRF-IRFY340C Datasheet
148Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY340C IRF-IRFY340C Datasheet
148Kb / 7P
Simple Drive Requirements
IRFY340CM IRF-IRFY340CM Datasheet
275Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.55ohm, Id=8.7A)
More results


Similar Description - IRFY340

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFY1310M-T257 SEME-LAB-IRFY1310M-T257 Datasheet
21Kb / 2P
N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY140 SEME-LAB-IRFY140 Datasheet
14Kb / 2P
N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY240 SEME-LAB-IRFY240 Datasheet
14Kb / 2P
N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY430M-T257 SEME-LAB-IRFY430M-T257 Datasheet
20Kb / 2P
N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY430M SEME-LAB-IRFY430M Datasheet
18Kb / 2P
N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY440 SEME-LAB-IRFY440 Datasheet
14Kb / 2P
N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY230 SEME-LAB-IRFY230 Datasheet
53Kb / 2P
N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFJ240 SEME-LAB-IRFJ240 Datasheet
18Kb / 2P
N - CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFNJ540 SEME-LAB-IRFNJ540 Datasheet
42Kb / 2P
N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY340 SEME-LAB-IRFY340_08 Datasheet
97Kb / 2P
N?밅HANNEL POWER MOSFET FOR HI-REL APPLICATIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com