Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFY340CM Datasheet (PDF) - International Rectifier

IRFY340CM Datasheet PDF - International Rectifier
Part # IRFY340CM
Download  IRFY340CM Download
File Size   275.72 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.55ohm, Id=8.7A)

IRFY340CM Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFY340CM Datasheet PDF - International Rectifier

Part # IRFY340CM
Download  IRFY340CM Click to download

File Size   275.72 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.55ohm, Id=8.7A)

IRFY340CM Datasheet (HTML) - International Rectifier


IRFY340CM Product details

Part Number       BVDSS      RDS(on)         ID
IRFY340CM         400V       0.55Ω         8.7A

HEXFET technology is the key to International Rectifier’s advanced line of power MOSFET transistors. The efficient geometry design achieves very low on-state resistance combined with high transconductance. HEXFET transistors also feature all of the well-established advantages of MOSFETs, such as voltage control, very fast switching, ease of paralleling and electrical parameter temperature stability. They are well-suited for applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers, high energy pulse circuits, and virtually any application where high reliability is required. The HEXFET transistor’s totally isolated package eliminates the need for additional isolating material between the device and the heatsink. This improves thermal efficiency and reduces drain capacitance.

Features
● Hermetically Sealed
● Electrically Isolated
● Simple Drive Requirements
● Ease of Paralleling
● Ceramic Eyelets




Similar Part No. - IRFY340CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY340C IRF-IRFY340C Datasheet
148Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY340C IRF-IRFY340C Datasheet
148Kb / 7P
Simple Drive Requirements
IRFY340C IRF-IRFY340C_15 Datasheet
148Kb / 7P
Simple Drive Requirements
More results


Similar Description - IRFY340CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC740 IRF-IRC740 Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A)
IRFI740G IRF-IRFI740G Datasheet
169Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.4A)
IRFI740GLC IRF-IRFI740GLC Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.7A)
IRFN340 IRF-IRFN340 Datasheet
211Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.55ohm, Id=10A)
IRFN350 IRF-IRFN350 Datasheet
212Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.315ohm, Id=14A)
IRFP340 IRF-IRFP340 Datasheet
172Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=11A)
JANTX2N6760 IRF-JANTX2N6760 Datasheet
234Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=1.00ohm, Id=5.5A)
JANTX2N6768 IRF-JANTX2N6768 Datasheet
233Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.300ohm, Id=14A)
JANTX2N6786 IRF-JANTX2N6786 Datasheet
230Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=3.6ohm, Id=1.25A)
JANTX2N6800 IRF-JANTX2N6800 Datasheet
230Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=1.0ohm, Id=3.0A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com