Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP340 Datasheet (PDF) - International Rectifier

IRFP340 Datasheet PDF - International Rectifier
Part # IRFP340
Download  IRFP340 Download
File Size   172.76 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=11A)

IRFP340 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP340 Datasheet PDF - International Rectifier

Part # IRFP340
Download  IRFP340 Click to download

File Size   172.76 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=11A)

IRFP340 Datasheet (HTML) - International Rectifier


IRFP340 Product details

DESCRIPTION
Third Generation HEXFETs from international Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.

• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Isolated Central Mounting Hole
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements




Similar Part No. - IRFP340

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFP340 INTERSIL-IRFP340 Datasheet
57Kb / 7P
11A, 400V, 0.550 Ohm, N-Channel Power MOSFET
July 1999
logo
Vishay Siliconix
IRFP340 VISHAY-IRFP340 Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFP340 VISHAY-IRFP340 Datasheet
1Mb / 11P
Power MOSFET
14-Mar-11
IRFP340 VISHAY-IRFP340 Datasheet
884Kb / 11P
Power MOSFET
24-Jan-2022
logo
Inchange Semiconductor ...
IRFP340A ISC-IRFP340A Datasheet
67Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - IRFP340

ManufacturerPart #DatasheetDescription
logo
International Rectifier
448IRF IRF-448IRF Datasheet
168Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRC740 IRF-IRC740 Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A)
IRF340 IRF-IRF340 Datasheet
145Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)0.55ohm, Id=10A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRF9Z24S IRF-IRF9Z24S Datasheet
311Kb / 10P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-11A)
IRFI740G IRF-IRFI740G Datasheet
169Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.4A)
IRFI740GLC IRF-IRFI740GLC Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.7A)
IRFPC50LC IRF-IRFPC50LC Datasheet
333Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFRU9024N IRF-IRFRU9024N Datasheet
117Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com