Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCX Datasheet (PDF) - HolyStone International

HCX Datasheet PDF - HolyStone International
Part # HCX
Download  HCX Download
File Size   295.74 Kbytes
Page   2 Pages
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International
Description High Capacitance X7R - 100nF and above

HCX Datasheet (PDF)

Go To PDF Page Download Datasheet
HCX Datasheet PDF - HolyStone International

Part # HCX
Download  HCX Click to download

File Size   295.74 Kbytes
Page   2 Pages
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International
Description High Capacitance X7R - 100nF and above

HCX Datasheet (HTML) - HolyStone International




Similar Part No. - HCX

ManufacturerPart #DatasheetDescription
logo
BesTech Power Co., Ltd
HCX-2424 BESTECH-HCX-2424 Datasheet
309Kb / 3P
For 3.7V 1S Li-ion/Li-Polymer Battery Packs
HCX-2570 BESTECH-HCX-2570 Datasheet
172Kb / 2P
For 3.7V 1S Li-ion/Li-Polymer Battery Packs
HCX-2653 BESTECH-HCX-2653 Datasheet
261Kb / 3P
For 7.4V 2S Li-ion/Li-Polymer Battery Packs
logo
Shenzhen Luguang Electr...
HCX-3SB LUGUANG-HCX-3SB Datasheet
1Mb / 9P
CRYSTAL
logo
BesTech Power Co., Ltd
HCX-4135 BESTECH-HCX-4135 Datasheet
271Kb / 3P
For 3.7V 1S Li-ion/Li-Polymer Battery Packs
More results


Similar Description - HCX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
300152M6R3JS0E ETC2-300152M6R3JS0E Datasheet
487Kb / 11P
High Capacitance and Ultra-Low ESR
logo
HolyStone International
HCC HOLYSTONECAPS-HCC Datasheet
213Kb / 2P
High Capacitance MLCC - 1uF and above
HCN HOLYSTONECAPS-HCN Datasheet
287Kb / 2P
High Capacitance NP0 - 1nF and above
HVC HOLYSTONECAPS-HVC Datasheet
387Kb / 4P
High Voltage NP0 and X7R Capacitors
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
PIC GmbH
PRX-2131 PIC-PRX-2131 Datasheet
108Kb / 2P
Minimum height above PCB
logo
Cornell Dubilier Electr...
300 CDE-300_17 Datasheet
764Kb / 12P
High Capacitance and Ultra-Low ESR
logo
Samsung semiconductor
CL10B104KB8NNND SAMSUNG-CL10B104KB8NNND Datasheet
282Kb / 3P
CAP, 100nF, 50V, 짹10%, X7R, 0603
logo
Maxim Integrated Produc...
MAX14760 MAXIM-MAX14760 Datasheet
1Mb / 13P
Above- and Below-the-Rails Low-Leakage Analog Switches
19-6052; Rev 1; 8/12
logo
Murata Manufacturing Co...
935123733610-F1A MURATA1-935123733610-F1A Datasheet
954Kb / 11P
Sicap EMSC 0605 100nF BV30
Rev.1.03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com