Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRX-2131 Datasheet (PDF) - PIC GmbH

PRX-2131 Datasheet PDF - PIC GmbH
Part # PRX-2131
Download  PRX-2131 Download
File Size   108.92 Kbytes
Page   2 Pages
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH
Description Minimum height above PCB

PRX-2131 Datasheet (PDF)

Go To PDF Page Download Datasheet
PRX-2131 Datasheet PDF - PIC GmbH

Part # PRX-2131
Download  PRX-2131 Click to download

File Size   108.92 Kbytes
Page   2 Pages
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH
Description Minimum height above PCB

PRX-2131 Datasheet (HTML) - PIC GmbH




Similar Part No. - PRX-2131

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PRX-2463 PIC-PRX-2463 Datasheet
111Kb / 2P
Ultra miniature size
More results


Similar Description - PRX-2131

ManufacturerPart #DatasheetDescription
logo
FCI connector
61124 FCI-CONNECTOR-61124 Datasheet
887Kb / 8P
ABOVE PCB, DECK AND PUSH ROD LOCATION ARE AS VIEW BY USER
logo
HolyStone International
HCC HOLYSTONECAPS-HCC Datasheet
213Kb / 2P
High Capacitance MLCC - 1uF and above
HCN HOLYSTONECAPS-HCN Datasheet
287Kb / 2P
High Capacitance NP0 - 1nF and above
HCX HOLYSTONECAPS-HCX Datasheet
295Kb / 2P
High Capacitance X7R - 100nF and above
logo
ALPS ELECTRIC CO.,LTD.
SKSN ALPS-SKSN Datasheet
1Mb / 1P
Mid-mount solution with height of 1.35mm above the PCB
logo
Marl International Limi...
623-503-22_1309 MARL-623-503-22_1309 Datasheet
326Kb / 4P
Minimum line quantity 20
logo
IK Semicon Co., Ltd
IL386 IKSEMICON-IL386 Datasheet
561Kb / 6P
Minimum External Parts
logo
IXYS Corporation
CPC5712 IXYS-CPC5712 Datasheet
233Kb / 11P
Minimum External Components
logo
PIC GmbH
PMC-1001THL PIC-PMC-1001THL Datasheet
178Kb / 2P
Minimum height above PCB
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-7630 AVAGO-ADNK-7630 Datasheet
115Kb / 1P
The above technical information for the sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com