Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5712 Datasheet (PDF) - IXYS Corporation

CPC5712 Datasheet PDF - IXYS Corporation
Part # CPC5712
Download  CPC5712 Download
File Size   233.22 Kbytes
Page   11 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Minimum External Components

CPC5712 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC5712 Datasheet PDF - IXYS Corporation

Part # CPC5712
Download  CPC5712 Click to download

File Size   233.22 Kbytes
Page   11 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Minimum External Components

CPC5712 Datasheet (HTML) - IXYS Corporation


CPC5712 Product details

Description
The CPC5712 is a special purpose Voltage Monitor with Detectors integrated circuit that is used in various high-voltage telephony applications such as VoIP gateways and IP-PBXs. The device monitors the TIP/RING potential through a high-impedance divider (resistor isolation) to derive two programmable signal level detects, polarity information, and a scaled representation of the phone line voltages. In use, the resistor divider and the high input impedance of the CPC5712 make the circuit practically undetectable on the line.

Features
• CPC5712 Outputs:
    • Two Independent Programmable Level Detectors with Programmable Hysteresis
    • Fixed-Level Polarity Detector with Hysteresis
    • Differential Linear Output
• Minimum External Components
• Excellent Common-Mode Rejection Ratio (CMRR) > 55dB
• Application circuits meet isolation requirements of worldwide telephony standards
• Worldwide telephone network compatibility
• Single Supply Operation, 3.0V to 5.5V
• High differential input impedance
• Very low common-mode input impedance
• Fixed Gain
• TTL Compatible CMOS Logic Level outputs
• Small SOP 16-Pin package

Applications
• VoIP Gateways, IP-PBX, xDSL
• TIP/RING Monitoring
    • Line-In-Use Detection
    • Polarity Detection for Caller ID, Enhanced 911
    • Battery Detection, PSTN Check
• Non-telephony voltage level detection applications
    • Instrumentation
    • Industrial Controls




Similar Part No. - CPC5712

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5712 CLARE-CPC5712 Datasheet
388Kb / 11P
Phone Line Monitor with Detectors (PLMD)
logo
Littelfuse
CPC5712 LITTELFUSE-CPC5712 Datasheet
1Mb / 12P
Voltage Monitor with Detectors
1/20/2026
CPC5712U LITTELFUSE-CPC5712U Datasheet
1Mb / 12P
Voltage Monitor with Detectors
1/20/2026
logo
Clare, Inc.
CPC5712UTR CLARE-CPC5712UTR Datasheet
388Kb / 11P
Phone Line Monitor with Detectors (PLMD)
logo
Littelfuse
CPC5712UTR LITTELFUSE-CPC5712UTR Datasheet
1Mb / 12P
Voltage Monitor with Detectors
1/20/2026
More results


Similar Description - CPC5712

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL386 IKSEMICON-IL386 Datasheet
561Kb / 6P
Minimum External Parts
ILA7052N IKSEMICON-ILA7052N Datasheet
149Kb / 3P
No external components
ILA7053N IKSEMICON-ILA7053N Datasheet
330Kb / 6P
No external components
ILA7056 IKSEMICON-ILA7056 Datasheet
148Kb / 4P
No external components
ILA7056B IKSEMICON-ILA7056B Datasheet
391Kb / 7P
Few external components
logo
Texas Instruments
PT3100-24V TI1-PT3100-24V_08 Datasheet
214Kb / 3P
No External Components Required
logo
Sanken electric
SPF8033J SANKEN-SPF8033J Datasheet
208Kb / 1P
External components
logo
Unisonic Technologies
TDA7360L-J11-T UTC-TDA7360L-J11-T Datasheet
235Kb / 6P
Very few external components
logo
STMicroelectronics
STEVAL-ISA048V2 STMICROELECTRONICS-STEVAL-ISA048V2 Datasheet
164Kb / 4P
Few external components
01-Jul-2009
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
No External Components
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com