Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5712 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC5712
Description  Minimum External Components
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5712 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC5712 Datasheet HTML 1Page - IXYS Corporation CPC5712 Datasheet HTML 2Page - IXYS Corporation CPC5712 Datasheet HTML 3Page - IXYS Corporation CPC5712 Datasheet HTML 4Page - IXYS Corporation CPC5712 Datasheet HTML 5Page - IXYS Corporation CPC5712 Datasheet HTML 6Page - IXYS Corporation CPC5712 Datasheet HTML 7Page - IXYS Corporation CPC5712 Datasheet HTML 8Page - IXYS Corporation CPC5712 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC5712-R02
www.ixysic.com
1
CPC5712
Voltage Monitor with Detectors
e3
Pb
Features
• CPC5712 Outputs:
• Two Independent Programmable Level Detectors
with Programmable Hysteresis
• Fixed-Level Polarity Detector with Hysteresis
• Differential Linear Output
• Minimum External Components
• Excellent Common-Mode Rejection Ratio
(CMRR) > 55dB
• Application circuits meet isolation requirements of
worldwide telephony standards
• Worldwide telephone network compatibility
• Single Supply Operation, 3.0V to 5.5V
• High differential input impedance
• Very low common-mode input impedance
• Fixed Gain
• TTL Compatible CMOS Logic Level outputs
• Small SOP 16-Pin package
Applications
• VoIP Gateways, IP-PBX, xDSL
• TIP/RING Monitoring
• Line-In-Use Detection
• Polarity Detection for Caller ID, Enhanced 911
• Battery Detection, PSTN Check
• Non-telephony voltage level detection applications
• Instrumentation
• Industrial Controls
Description
The CPC5712 is a special purpose Voltage Monitor
with Detectors integrated circuit that is used in various
high-voltage telephony applications such as VoIP
gateways and IP-PBXs. The device monitors the
TIP/RING potential through a high-impedance divider
(resistor isolation) to derive two programmable signal
level detects, polarity information, and a scaled
representation of the phone line voltages. In use, the
resistor divider and the high input impedance of the
CPC5712 make the circuit practically undetectable on
the line.
The two voltage-level detects are programmed with
external resistors, which gives the designer complete
freedom with respect to line voltage detection levels.
The level settings also have programmable hysteresis
to prevent false triggering conditions. Detection of
these levels allows the user to determine the condition
of the line.
This device can also be used in non-telephony
applications such as instrumentation and industrial
controls, especially when a low-level differential level
needs to be detected in the presence of a large
common-mode voltage.
Ordering Information
CPC5712 With Support Components
Part
Description
CPC5712U
16-Pin SOP (100/Tube)
CPC5712UTR
16-Pin SOP (2000/Reel)
DET1
DET2
POLARITY
+
-
IN+
IN-
OUT+
TIP
RING
OUT -
OUT+
V
CC
10
13
12
11
9
1
14
7
8
4
5
6
3
2
R
DIFF
R1
R5
R4
R3
R2
V
REF
V
L1
V
H1
V
L2
V
H2
G = 5
CPC5712
V+
Voltage Level Detect 2
Voltage Level Detect 1
Polarity Output
+ Analog Output
- Analog Output
R
IN2
R
IN1
GND
15
16


Similar Part No. - CPC5712

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5712 CLARE-CPC5712 Datasheet
388Kb / 11P
Phone Line Monitor with Detectors (PLMD)
logo
Littelfuse
CPC5712 LITTELFUSE-CPC5712 Datasheet
1Mb / 12P
Voltage Monitor with Detectors
1/20/2026
CPC5712U LITTELFUSE-CPC5712U Datasheet
1Mb / 12P
Voltage Monitor with Detectors
1/20/2026
logo
Clare, Inc.
CPC5712UTR CLARE-CPC5712UTR Datasheet
388Kb / 11P
Phone Line Monitor with Detectors (PLMD)
logo
Littelfuse
CPC5712UTR LITTELFUSE-CPC5712UTR Datasheet
1Mb / 12P
Voltage Monitor with Detectors
1/20/2026
More results

Similar Description - CPC5712

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL386 IKSEMICON-IL386 Datasheet
561Kb / 6P
Minimum External Parts
ILA7052N IKSEMICON-ILA7052N Datasheet
149Kb / 3P
No external components
ILA7053N IKSEMICON-ILA7053N Datasheet
330Kb / 6P
No external components
ILA7056 IKSEMICON-ILA7056 Datasheet
148Kb / 4P
No external components
ILA7056B IKSEMICON-ILA7056B Datasheet
391Kb / 7P
Few external components
logo
Texas Instruments
PT3100-24V TI1-PT3100-24V_08 Datasheet
214Kb / 3P
No External Components Required
logo
Sanken electric
SPF8033J SANKEN-SPF8033J Datasheet
208Kb / 1P
External components
logo
Unisonic Technologies
TDA7360L-J11-T UTC-TDA7360L-J11-T Datasheet
235Kb / 6P
Very few external components
logo
STMicroelectronics
STEVAL-ISA048V2 STMICROELECTRONICS-STEVAL-ISA048V2 Datasheet
164Kb / 4P
Few external components
01-Jul-2009
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
No External Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com