Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5712 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC5712
Description  Minimum External Components
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5712 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC5712 Datasheet HTML 1Page - IXYS Corporation CPC5712 Datasheet HTML 2Page - IXYS Corporation CPC5712 Datasheet HTML 3Page - IXYS Corporation CPC5712 Datasheet HTML 4Page - IXYS Corporation CPC5712 Datasheet HTML 5Page - IXYS Corporation CPC5712 Datasheet HTML 6Page - IXYS Corporation CPC5712 Datasheet HTML 7Page - IXYS Corporation CPC5712 Datasheet HTML 8Page - IXYS Corporation CPC5712 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5712
R02
www.ixysic.com
3
1. Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
1.4 ESD Rating
V
CC
CPC5712 Pinout
DET2
DET1
POLARITY
OUT+
OUT-
IN+
IN-
GND
Not Used
Not Used
V
H2
V
L2
V
L1
V
H1
V
REF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Pin
Name
Description
1
VCC
Supply Voltage
2
DET2
Output, Detector 2
3
DET1
Output, Detector 1
4
POLARITY Output, represents polarity of input signal
5
OUT+
Output, amplifier non-inverting
6
OUT-
Output, amplifier inverting
7
IN+
Input, amplifier non-inverting
8
IN-
Input, amplifier inverting
9
VREF
Output, Reference used to set threshold levels
10
VL1
Input, sets DET1 low voltage detection
threshold
11
VH1
Input, sets DET1 high voltage detection
threshold
12
VL2
Input, sets DET2 low voltage detection
threshold
13
VH2
Input, sets DET2 high voltage detection
threshold
14
Not Used
Do not use, connect to ground
15
Not Used
Do not use, connect to ground
16
GND
Ground
Parameter
Min
Max
Unit
VCC
-0.3
6.0
V
Storage temperature
-40
+125
°C
Power dissipation
-
50
mW
Absolute maximum ratings are stress ratings. Stresses in excess of these ratings can cause permanent
damage to the device. Functional operation of the device at conditions beyond those indicated in the
operational sections of this data sheet is not implied.
ESD Rating (Human Body Model)
4000 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com