Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5712 Datasheet(PDF) 7 Page - IXYS Corporation

Part # CPC5712
Description  Minimum External Components
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5712 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button CPC5712 Datasheet HTML 3Page - IXYS Corporation CPC5712 Datasheet HTML 4Page - IXYS Corporation CPC5712 Datasheet HTML 5Page - IXYS Corporation CPC5712 Datasheet HTML 6Page - IXYS Corporation CPC5712 Datasheet HTML 7Page - IXYS Corporation CPC5712 Datasheet HTML 8Page - IXYS Corporation CPC5712 Datasheet HTML 9Page - IXYS Corporation CPC5712 Datasheet HTML 10Page - IXYS Corporation CPC5712 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5712
R02
www.ixysic.com
7
3. Design Example
An application circuit that is based on information
discussed in Section 2.5 “Detector Threshold
Operation” on page 6 is shown in Figure 1.
In the following telephony design example, it is desired
to have a Line-In-Use (LIU) detector set at 12V with a
hysteresis of 3V, and a loop or battery-presence
(LOOP) detector set at 5V with a hysteresis of 2V. The
LIU detector will monitor the Public Switched
Telephone Network (PSTN) twisted pair TIP and RING
leads for a voltage level that indicates a device on the
line is off-hook while the LOOP detector monitors for
the presence of battery feed. In this example
detector 2 (DET2) will be the LIU detector as it has the
greater voltage detect thresholds.
Figure 1 CPC5712 Application Circuit
DET1
DET2
POLARITY
+
-
IN+
IN-
OUT+
TIP
RING
OUT -
OUT+
V
CC
10
13
12
11
9
1
14
7
8
4
5
6
3
2
R1
R5
R4
R3
R2
V
REF
V
L1
V
H1
V
L2
V
H2
G = 5
CPC5712
V+
Voltage Level Detect 2
Voltage Level Detect 1
Polarity Output
+ Analog Output
− Analog Output
(4)
10M
1%
1206
GND
15
16
806K
1%
26.7K
1%
137K
1%
26.7K
1%
61.9K
1%
17.8K
1%
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com