Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5712 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC5712
Description  Minimum External Components
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5712 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC5712 Datasheet HTML 1Page - IXYS Corporation CPC5712 Datasheet HTML 2Page - IXYS Corporation CPC5712 Datasheet HTML 3Page - IXYS Corporation CPC5712 Datasheet HTML 4Page - IXYS Corporation CPC5712 Datasheet HTML 5Page - IXYS Corporation CPC5712 Datasheet HTML 6Page - IXYS Corporation CPC5712 Datasheet HTML 7Page - IXYS Corporation CPC5712 Datasheet HTML 8Page - IXYS Corporation CPC5712 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5712
4
www.ixysic.com
R02
1.5 Recommended Operating Conditions
1 Input common-mode current per pin must not exceed limit.
2 Resistive and Capacitive loads on the VREF output must remain within these limits.
1.6 Electrical Characteristics
Unless otherwise specified, minimum and maximum
values are guaranteed by production testing.
Typical values are characteristic of the device at 25°C
and are the result of engineering evaluations. They are
provided for informational purposes only and are not
part of the manufacturing testing requirements.
Unless otherwise noted, all electrical specifications
are listed for TA=25°C and VCC = 3V to 5.5V.
Parameter
Symbol
Min
Max
Units
VCC
VCC
3.0
5.5
V
Input Common Mode Current 1
| I
CM |
-12
A
VREF Loading
2
Resistive
RREF
20
1000
k
Capacitive
CREF
-220
pF
OUT+ and OUT- Loading
Capacitive
COUT
COUT
300
pF
Current
IOUT
-500
+500
A
Operating Temperature
TA
-40
+85
°C
Parameter
Conditions
Symbol
Min
Typ
Max
Units
DC Characteristics
Supply Voltage
VCC
3-
5.5
V
Supply Current
VREF and all outputs open,
Pins 14 and 15 = Gnd.
ICC
VCC=3V
1.1
1.42
1.9
mA
VCC=5.5V
1.5
1.72
2.4
AC Characteristics
Differential Input Resistance
RIN
10
-
-
M
Output Offset Voltage
RDIFF = 806k,
VIN=0V
VOUT+
-5
-
5
mV
VOUT-
-5
-
5
mV
Comparator Input Offset Voltage
RDIFF = 806k,
From VIN through to the
comparators, Measured at
VOUT+ and VOUT-
--20
-
20
mV
Input Offset Current
ICM=0AIIO
-45
-
45
nA
Reference Voltage
VCC=3V, VCC=5.5V
IREF=0A, IREF=-80A
VREF
1.4
1.5
1.6
V
Common-Mode Rejection Ratio
ICM < 12A, 0-120 Hz
CMRR
55
-
-
dB
Differential Gain
0 < f < 20kHz
-
4.85
5.00
5.15
-
Polarity Detection Characteristics
Polarity Detection Threshold Voltage
Differential signal applied to
IN+ and IN-
VIN
±22
±37
±54
mV
Digital Output Characteristics
Output Voltage, High
IOH=-5mA
VOH
VCC-0.6
--
V
Output Voltage, Low
IOL=5mA
VOL
--
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com