Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR3304 Datasheet (PDF) - Protek Devices

PLR3304 Datasheet PDF - Protek Devices
Part # PLR3304
Download  PLR3304 Download
File Size   816.74 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ultra low capacitance steering diode/tvs array

PLR3304 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLR3304 Datasheet PDF - Protek Devices

Part # PLR3304
Download  PLR3304 Click to download

File Size   816.74 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ultra low capacitance steering diode/tvs array

PLR3304 Datasheet (HTML) - Protek Devices


PLR3304 Product details

DESCRIPTION
The PLR3304 is an ultra low capacitance steering diode/TVS array. This device is designed to protect computing applications such as gigabit Ethernet, USb and DVI interfaces as well as telecommunication equipment and systems. The PLR3304 is available in the space-saving DFN-10 package configuration and is rated at 400 Watts peak pulse current (8/20µs waveshape).
This device meets the IEC 61000-4-2 (ESD), 61000-4-4 (EFT) and 61000-4-5 (Surge) requirements. At higher operating frequencies or faster edge rates, insertion loss and signal integrity are a major concern. This device in conjunction with passive components integrated into a TVS/filter network can be used for EMI/RFI protection.

FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge)
• 400 Watts Peak Pulse Power per Line(tp = 8/20µs)
• ESD Protection > 25 kilovolts
• Low Clamping Voltage
• Unidirectional Configuration
• Protects 4 I/O Ports & Power Supply
• Ultra Low Capacitance : 4pF
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Gigabit Ethernet
• T1/E1, T3/E3 Chip Side Protection
• Wireless Communications
• USB & DVI Interfaces




Similar Part No. - PLR3304

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLR3304 PROTEC-PLR3304_12 Datasheet
819Kb / 7P
ultra low capacitance steering diode/tvs arr ay
PLR3304 PROTEC-PLR3304_15 Datasheet
507Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE
More results


Similar Description - PLR3304

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSR3.3 PROTEC-PSR3.3 Datasheet
478Kb / 6P
ultra low capacitance steering diode/tvs array
SRV05-4 PROTEC-SRV05-4_11 Datasheet
630Kb / 8P
ultra low capacitance steering diode/tvs array
SRV05-4LC PROTEC-SRV05-4LC Datasheet
548Kb / 7P
ultra low capacitance steering diode/tvs array
PAM05SC700504F PROTEC-PAM05SC700504F Datasheet
525Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0502 PROTEC-PLR0502_12 Datasheet
553Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0504F PROTEC-PLR0504F_12 Datasheet
524Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0524 PROTEC-PLR0524 Datasheet
941Kb / 8P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSR3.3 PROTEC-PSR3.3_12 Datasheet
479Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SR2.8 PROTEC-SR2.8_12 Datasheet
486Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SRV25-4 PROTEC-SRV25-4 Datasheet
442Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com