Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY14C101Q Datasheet (PDF) - Cypress Semiconductor

CY14C101Q Datasheet PDF - Cypress Semiconductor
Part # CY14C101Q
Download  CY14C101Q Download
File Size   1095.98 Kbytes
Page   34 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Mbit (128 K x 8) Serial (SPI) nvSRAM Data retention: 20 years at 85 째C

CY14C101Q Datasheet (PDF)

Go To PDF Page Download Datasheet
CY14C101Q Datasheet PDF - Cypress Semiconductor

Part # CY14C101Q
Download  CY14C101Q Click to download

File Size   1095.98 Kbytes
Page   34 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Mbit (128 K x 8) Serial (SPI) nvSRAM Data retention: 20 years at 85 째C

CY14C101Q Datasheet (HTML) - Cypress Semiconductor


CY14C101Q Product details

Functional Overview

The Cypress CY14X101Q combines a 1-Mbit nvSRAM with a nonvolatile element in each memory cell with serial SPI interface. The memory is organized as 128 K words of 8 bits each. The embedded nonvolatile elements incorporate the QuantumTrap technology, creating the world’s most reliable nonvolatile memory.



Features

■ 1-Mbit nonvolatile static random access memory (nvSRAM) internally organized as 128 K × 8

  ❐ STORE to QuantumTrap nonvolatile elements initiated automatically on power-down (AutoStore) or by using SPI instruction (Software STORE) or HSB pin (Hardware STORE)

  ❐ RECALL to SRAM initiated on power-up (Power-Up RECALL) or by SPI instruction (Software RECALL)

  ❐ Support automatic STORE on power-down with a small capacitor (except for CY14X101Q1A)

■ High reliability

  ❐ Infinite read, write, and RECALL cycles

  ❐ 1million STORE cycles to QuantumTrap

  ❐ Data retention: 20 years at 85 °C

■ 40 MHz, and 104 MHz High-speed serial peripheral interface(SPI)

  ❐ 40-MHz clock rate SPI write and read with zero cycle delay

  ❐ 104-MHz clock rate SPI write and SPI read (with special fast read instructions)

  ❐ Supports SPI mode 0 (0,0) and mode 3 (1,1)

■ SPI access to special functions

  ❐ Nonvolatile STORE/RECALL

  ❐ 8-byte serial number

  ❐ Manufacturer ID and Product ID

  ❐ Sleep mode

■ Write protection

  ❐ Hardware protection using Write Protect (WP) pin

  ❐ Software protection using Write Disable instruction

  ❐ Software block protection for 1/4, 1/2, or entire array

■ Low power consumption

  ❐ Average active current of 3 mA at 40 MHz operation

  ❐ Average standby mode current of 150 A

  ❐ Sleep mode current of 8 A

■ Industry standard configurations

  ❐ Operating voltages:

     • CY14C101Q: VCC = 2.4 V to 2.6 V

     • CY14B101Q: VCC = 2.7 V to 3.6 V

     • CY14E101Q: VCC = 4.5 V to 5.5 V

  ❐ Industrial temperature

  ❐ 8- and 16-pin small outline integrated circuit (SOIC) package

  ❐ Restriction of hazardous substances (RoHS) compliant



 




Similar Part No. - CY14C101Q

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C101Q CYPRESS-CY14C101Q_12 Datasheet
1Mb / 33P
1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
More results


Similar Description - CY14C101Q

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101P CYPRESS-CY14B101P_11 Datasheet
1Mb / 35P
1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14C101J CYPRESS-CY14C101J Datasheet
1Mb / 32P
1 Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101PA_1107 CYPRESS-CY14B101PA_1107 Datasheet
1Mb / 35P
1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14C101Q CYPRESS-CY14C101Q_12 Datasheet
1Mb / 33P
1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
CY14B101Q1 CYPRESS-CY14B101Q1_13 Datasheet
1Mb / 27P
1-Mbit (128 K x 8) Serial SPI nvSRAM
CY14C101J CYPRESS-CY14C101J_13 Datasheet
1Mb / 31P
1-Mbit (128 K x 8) Serial (I2C) nvSRAM
CY14C101PA CYPRESS-CY14C101PA_13 Datasheet
1Mb / 43P
1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14V101Q3 CYPRESS-CY14V101Q3 Datasheet
1Mb / 24P
1 Mbit (128 K 횞 8) Serial SPI nvSRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com