Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA5591 Datasheet (PDF) - Fuji Electric

FA5591 Datasheet PDF - Fuji Electric
Part # FA5591
Download  FA5591 Download
File Size   578.0 Kbytes
Page   21 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description FUJI Power Supply Control IC

FA5591 Datasheet (PDF)

Go To PDF Page Download Datasheet
FA5591 Datasheet PDF - Fuji Electric

Part # FA5591
Download  FA5591 Click to download

File Size   578.0 Kbytes
Page   21 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description FUJI Power Supply Control IC

FA5591 Datasheet (HTML) - Fuji Electric


FA5591 Product details

Description

FA5590/FA5591 is power-factor correction converter IC operating in critical conduction mode. It realizes low power consumption by using high voltage CMOS process. It is equipped with many fault protection functions such as FB short-circuit detection circuit which stops the operation when abnormal output voltage is detected.



Features

Very Low Standby Power by disusing Input Voltage Detection Resistors

High-precision over current protection:0.6V±5%

Improved power efficiency at light load due to Maximum Frequency Limitation

No Audible Noise at Startup

  Soft-Startup and Soft-OVP functions

Low current consumption by CMOS process

  Start-up : 80µA(max.), Operating : 2mA(typ.)

Enabled to drive power MOSFET directly

  Output peak current, source : 500mA, sink : 1000mA

Open/short protection at feedback (FB) pin

Under-voltage Lockout

  FA5590: 9.6V ON / 9V OFF FA5591:13V ON / 9V OFF

Overvoltage protection

Restart timer

Standby function

8-pin package (SOP)




Similar Part No. - FA5591

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5592 FUJI-FA5592 Datasheet
227Kb / 2P
PWM Power Supply IC with Low Standby Power
More results


Similar Description - FA5591

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
FUJI Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
Fuji Switching Power Supply Control IC
FA5639 FUJI-FA5639 Datasheet
452Kb / 21P
Fuji Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
Fuji Switching Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
Fuji Switching Power Supply Control IC
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
FUJI Power Supply Control IC
FA7711V FUJI-FA7711V Datasheet
386Kb / 25P
FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
FUJI Power Supply Control IC
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com