Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA5592 Datasheet (PDF) - Fuji Electric

FA5592 Datasheet PDF - Fuji Electric
Part # FA5592
Download  FA5592 Download
File Size   227.8 Kbytes
Page   2 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description PWM Power Supply IC with Low Standby Power

FA5592 Datasheet (PDF)

Go To PDF Page Download Datasheet
FA5592 Datasheet PDF - Fuji Electric

Part # FA5592
Download  FA5592 Click to download

File Size   227.8 Kbytes
Page   2 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description PWM Power Supply IC with Low Standby Power

FA5592 Datasheet (HTML) - Fuji Electric


FA5592 Product details

■ Features

• Internal 750V high voltage startup current source

• Auto-reducing switching frequency at light load

• Low EMI noise by frequency modulation

• MOSFET current detection is negative-polarity mode

• Numerous kind of protect functions (ex. Brown-out under-voltage protection)



■ Applications

• Note PC /Printer Adapter

• LCD TV/Monitor SMPS



■ Specifications

• Startup current source 7mA

• VCC voltage range 11 to 24V

• OUT pin peak current sink 1000mA, source -500mA

• IS current limiter 0.5V±10%,

• VCC over-voltage protection 26V±1V (latched)

• OLP timer auto-recovery switching on/off is 0.2/1.4 sec (OLP auto-recovery or latched)



 




Similar Part No. - FA5592

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
FUJI Power Supply Control IC
FA5591 FUJI-FA5591 Datasheet
578Kb / 21P
FUJI Power Supply Control IC
More results


Similar Description - FA5592

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8027 PANASONIC-AN8027 Datasheet
301Kb / 28P
AC-DC switching power supply control IC with standby mode
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
logo
Sanken electric
STR-A6000 SANKEN-STR-A6000 Datasheet
119Kb / 2P
Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
STR-W6200D SANKEN-STR-W6200D Datasheet
85Kb / 2P
Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
STR-A6000 SANKEN-STR-A6000_11 Datasheet
132Kb / 2P
Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
logo
Diodes Incorporated
ZXGD3105N8 DIODES-ZXGD3105N8 Datasheet
380Kb / 13P
Low standby power with quiescent supply current < 1mA
Rev erse
logo
ON Semiconductor
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
logo
AiT Semiconductor Inc.
AP8012 AITSEMI-AP8012 Datasheet
629Kb / 11P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.2
logo
Wuxi Chipown Micro-elec...
PN8106 CHIPOWN-PN8106 Datasheet
300Kb / 8P
Low Standby-Power Off-line PWM converters
Rev.B
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com