Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1647 Datasheet (PDF) - EPCOS

B1647 Datasheet PDF - EPCOS
Part # B1647
Download  B1647 Download
File Size   53.4 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW filter Satellite radio

B1647 Datasheet (PDF)

Go To PDF Page Download Datasheet
B1647 Datasheet PDF - EPCOS

Part # B1647
Download  B1647 Click to download

File Size   53.4 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW filter Satellite radio

B1647 Datasheet (HTML) - EPCOS


B1647 Product details

1472.00 MHz SAW filter



Application

■Low-loss RF filter for satellite radio

■Impedance transformation from 50Ωto 100Ω

■Unbalanced to balanced operation

■Usable passband 40 MHz



Features

■Package size 3.0 x 3.0 x 1.1 mm3

■Package code DCC6D

■Maximum package height of 1.225 mm

■RoHS compatible

■Approximate weight 0.037 g

■Package forSurfaceMountTechnology (SMT)

■Ni, gold-plated terminals

■AEC-Q200 qualified component family

■Electrostatic SensitiveDevice (ESD)




Similar Part No. - B1647

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B164-101-WIR TRIPPLITE-B164-101-WIR Datasheet
169Kb / 3P
IR over Wireless Signal Extender Kit - Up to 656 ft. (200m)
logo
EPCOS
B1640 EPCOS-B1640 Datasheet
65Kb / 7P
SAW RF low loss filter
B1641 EPCOS-B1641 Datasheet
61Kb / 7P
SAW RF low loss filter
logo
Toshiba Semiconductor
B1642 TOSHIBA-B1642 Datasheet
145Kb / 2P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
21-Jul-1998
logo
EPCOS
B1644 EPCOS-B1644 Datasheet
67Kb / 9P
SAW RF low loss filter
More results


Similar Description - B1647

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1720 EPCOS-B1720 Datasheet
74Kb / 7P
SAW IF filter Satellite radio
B1726 EPCOS-B1726 Datasheet
61Kb / 7P
SAW IF filter Satellite radio
B1727 EPCOS-B1727 Datasheet
96Kb / 10P
SAW IF filter Satellite radio
B1728 EPCOS-B1728 Datasheet
85Kb / 10P
SAW IF filter Satellite radio
B1729 EPCOS-B1729 Datasheet
82Kb / 10P
SAW IF filter Satellite radio
B1730 EPCOS-B1730 Datasheet
90Kb / 10P
SAW IF filter Satellite radio
B8755 EPCOS-B8755 Datasheet
56Kb / 7P
SAW filter Digital radio
logo
Soshin electric Co., Lt...
DBF71A007 SOSHIN-DBF71A007 Datasheet
100Kb / 2P
XM Satellite Radio
DBF71A012 SOSHIN-DBF71A012 Datasheet
100Kb / 2P
Satellite Radio
logo
Ultralife Corporation.
A-301-150 ULTRALIFE-A-301-150 Datasheet
744Kb / 2P
Satellite Radio Combiner
5/28/14
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com