Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14979E Datasheet (PDF) - Maxim Integrated Products

MAX14979E Datasheet PDF - Maxim Integrated Products
Part # MAX14979E
Download  MAX14979E Download
File Size   1360.21 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Bandwidth, ±15kV ESD Protection LVDS Switch -3dB Bandwidth: 650MHz

MAX14979E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14979E Datasheet PDF - Maxim Integrated Products

Part # MAX14979E
Download  MAX14979E Click to download

File Size   1360.21 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Bandwidth, ±15kV ESD Protection LVDS Switch -3dB Bandwidth: 650MHz

MAX14979E Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX14979E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14979E MAXIM-MAX14979E Datasheet
1Mb / 10P
High-Bandwidth,짹15kV ESD Protection LVDS Switch
Rev 0; 4/10
MAX14979EETX+ MAXIM-MAX14979EETX+ Datasheet
1Mb / 10P
High-Bandwidth,짹15kV ESD Protection LVDS Switch
Rev 0; 4/10
More results


Similar Description - MAX14979E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HDMIULC6-4SC6 STMICROELECTRONICS-HDMIULC6-4SC6 Datasheet
300Kb / 11P
Ultra large bandwidth ESD protection
26-Jul-2006
USBULC6-2M6 STMICROELECTRONICS-USBULC6-2M6 Datasheet
344Kb / 10P
Ultra large bandwidth ESD protection
29-Nov-2007
logo
SIPAT Co,Ltd
SP65001 SIPAT-SP65001 Datasheet
157Kb / 4P
650MHz Low-loss SAW Filter 43MHz Bandwidth
logo
STMicroelectronics
HDMIULC6-2X6 STMICROELECTRONICS-HDMIULC6-2X6 Datasheet
751Kb / 17P
Ultra large bandwidth ESD protection
06-May-2008
logo
Maxim Integrated Produc...
MAX4885AE MAXIM-MAX4885AE Datasheet
1Mb / 10P
High-Bandwidth, VGA 2:1 Switch with ±15kV ESD Protection
Rev 0; 10/09
MAX14979E MAXIM-MAX14979E Datasheet
1Mb / 10P
High-Bandwidth,짹15kV ESD Protection LVDS Switch
Rev 0; 4/10
logo
STMicroelectronics
ESDAULC6-8F3 STMICROELECTRONICS-ESDAULC6-8F3 Datasheet
238Kb / 8P
8-line ultralarge bandwidth ESD protection
15-Oct-2010
HDMIULC6-4SC6Y STMICROELECTRONICS-HDMIULC6-4SC6Y Datasheet
209Kb / 12P
Automotive ultralarge bandwidth ESD protection
06-Sep-2012
USBULC6-2P6 STMICROELECTRONICS-USBULC6-2P6 Datasheet
217Kb / 8P
Ultra large bandwidth ESD protection
31-Mar-2014
logo
Will Semiconductor Ltd.
WAS4735Q WILLSEMI-WAS4735Q Datasheet
446Kb / 7P
4:1 High speed (-3dB bandwidth 1.2GHz) Switch
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com