Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E649 Datasheet (PDF) - Semtech Corporation

E649 Datasheet PDF - Semtech Corporation
Part # E649
Download  E649 Download
File Size   100.38 Kbytes
Page   14 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Octal Pin Electronics Driver/Receiver

E649 Datasheet (PDF)

Go To PDF Page Download Datasheet
E649 Datasheet PDF - Semtech Corporation

Part # E649
Download  E649 Click to download

File Size   100.38 Kbytes
Page   14 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Octal Pin Electronics Driver/Receiver

E649 Datasheet (HTML) - Semtech Corporation


E649 Product details

Description
The Edge649 is an octal pin electronics driver and receiver combination fabricated in a high- performance CMOS process. It is designed for automatic test equipment and instrumentation where cost, functional density, and power are all at a premium.

Features
• 50 MHz Operation
• 11 V DUT I/O Range
• Programmable Output Levels
• Programmable Input Thresholds
• Per Pin Flexibility
• High Integration Levels
• 615 mW Quiescent Power Dissipation
• Edge648 Compatible

Applications
• Burn-In ATE
• Functional Board Testers
• In-Circuit Board Testers
• Combinational Board Testers
• Low Cost Chip Testers
• ASIC Verifiers
• VXI-Based Test Equipment




Similar Part No. - E649

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E649APJ SEMTECH-E649APJ Datasheet
150Kb / 16P
Octal Pin Electronics Driver/Receiver
More results


Similar Description - E649

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E749BPJ SEMTECH-E749BPJ Datasheet
104Kb / 14P
Octal Pin Electronics Driver/Receiver
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
Octal 18V Pin Electronics Driver/window Comparator
EDGE749 SEMTECH-EDGE749 Datasheet
104Kb / 14P
Octal Pin Electronics Driver/Receiver
logo
National Semiconductor ...
DS3890 NSC-DS3890 Datasheet
148Kb / 8P
Octal Trapezoidal Driver / Octal TRI-STATE Receiver
logo
Semtech Corporation
EDGE649 SEMTECH-EDGE649 Datasheet
150Kb / 16P
Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749_02 Datasheet
152Kb / 15P
Octal Pin Electronics Driver/Receiver
EDGE818 SEMTECH-EDGE818 Datasheet
126Kb / 15P
Octal 18V Pin Electronics Driver/window Comparator
EDGE819 SEMTECH-EDGE819 Datasheet
84Kb / 10P
Octal, 18V Pin Electronics Driver
EDGE211 SEMTECH-EDGE211 Datasheet
83Kb / 12P
Dual Pin Electronics Driver
E7765 SEMTECH-E7765 Datasheet
271Kb / 24P
1.3 GHz Quad Pin Electronics Driver
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com