Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3211 Datasheet (PDF) - Unisonic Technologies

PA3211 Datasheet PDF - Unisonic Technologies
Part # PA3211
Download  PA3211 Download
File Size   138.94 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description RAIL TO RAIL I/O,HIGH-SLEW-RATE OP AMP

PA3211 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA3211 Datasheet PDF - Unisonic Technologies

Part # PA3211
Download  PA3211 Click to download

File Size   138.94 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description RAIL TO RAIL I/O,HIGH-SLEW-RATE OP AMP

PA3211 Datasheet (HTML) - Unisonic Technologies


PA3211 Product details

DESCRIPTION
The UTC PA3211 is an input/output rail-to-rail operational amplifier. This device can be operated on either a single supply varying from +3V to +5.5V or dual supply ranging from ±1.5V to ±2.75V.
The UTC PA3211 has a perfect AC performance with 6.5MHz bandwidth, 5.23V/μs slew rate.
The supply current for each amplifier of the UTC PA3211 is only 500μA that makes it suitable for low current consumption applications to control high current loads. Applications include audio amplification for computers, sound ports, sound cards and set-top boxes.
The UTC PA3211 is generally applied in portable equipment, headphone driver, multimedia audio, battery-powered equipment, ASIC input or output amplifier, sensor amplifier, and low power/low voltage device.

FEATURES
* Single-Supply Operation: +3V ~ +5.5V
* Input / Output Rail-to-Rail
* Low Quiescent Current: 500μA @ 5V
* With Low Input Current
* 5.23V/μs High Slew Rate
* High Output Driving Capacity
* 6.5MHz High Gain-Bandwidth Product
* 70dB High PSRR




Similar Part No. - PA3211

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3211 UTC-PA3211 Datasheet
185Kb / 4P
RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
PA3211G-AF5-R UTC-PA3211G-AF5-R Datasheet
185Kb / 4P
RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
PA3211G-XX-AF5-R UTC-PA3211G-XX-AF5-R Datasheet
142Kb / 4P
RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
PA3211L-AF5-R UTC-PA3211L-AF5-R Datasheet
185Kb / 4P
RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
PA3211 UTC-PA3211_11 Datasheet
185Kb / 4P
RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
More results


Similar Description - PA3211

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1214 GMT-G1214 Datasheet
333Kb / 5P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1224 GMT-G1224 Datasheet
30Kb / 1P
Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1244 GMT-G1244 Datasheet
38Kb / 1P
Quad Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214 GMT-G1214_06 Datasheet
271Kb / 6P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1224 GMT-G1224_07 Datasheet
335Kb / 8P
Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Unisonic Technologies
PA3211 UTC-PA3211_11 Datasheet
185Kb / 4P
RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
PA3211 UTC-PA3211_15 Datasheet
142Kb / 4P
RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
logo
Global Mixed-mode Techn...
G1224 GMT-G1224_15 Datasheet
33Kb / 1P
Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214A GMT-G1214A_15 Datasheet
35Kb / 1P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214 GMT-G1214_15 Datasheet
38Kb / 1P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com