Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G1214 Datasheet (PDF) - Global Mixed-mode Technology Inc

G1214 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G1214
Download  G1214 Download
File Size   333.68 Kbytes
Page   5 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Rail-to-Rail I/O, High-Slew-Rate OP Amp

G1214 Datasheet (PDF)

Go To PDF Page Download Datasheet
G1214 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G1214
Download  G1214 Click to download

File Size   333.68 Kbytes
Page   5 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Rail-to-Rail I/O, High-Slew-Rate OP Amp

G1214 Datasheet (HTML) - Global Mixed-mode Technology Inc


G1214 Product details

General Description
G1214 is a input/output rail-to-rail Operational Amplifier. It can be operated from +3V to +5.5V single supply or from ±1.5V to ±2.75 dual supply. G1214 can drive 66mA into resistor loads to within 10% power rail. AC performance is very excellent with 6.5MHz bandwidth, 6.5V/µs Slew Rate, 95dB open loop gain, 60 degree phase margin and low distortion.
   
Features
■ +3V to +5.5V Single-Supply Operation
■ Input / Output Rail-to-Rail
■ Low input current
■ High output driving capacity
■ Low Quiescent Current: 500µA @ 5V
■ High Slew rate 6.5V/µs
■ High Gain-Bandwidth Product 6.5MHz
■ High Open Loop Gain 95dB
■ High PSRR 70dB
   
Applications
■ Headphone Driver
■ Portable Equipment
■ Battery-Powered Equipment
■ Multimedia Audio
■ ASIC Input or Output Amplifier
■ Sensor Amplifier
■ Low Power/Low Voltage Applications
   




Similar Part No. - G1214

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1214 GMT-G1214 Datasheet
271Kb / 6P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
List of Unclassifed Man...
G1214 ETC2-G1214 Datasheet
81Kb / 2P
For Panels .250 (6,4 mm) to .375 (9,5 mm) Thick
logo
Heyco.
G1214 HEYCO-G1214 Datasheet
92Kb / 1P
Thick Panel Rubber Grommets
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A Datasheet
306Kb / 1P
Rail-to-Rail I/O
G1214A GMT-G1214A_15 Datasheet
35Kb / 1P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
More results


Similar Description - G1214

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1224 GMT-G1224 Datasheet
30Kb / 1P
Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1244 GMT-G1244 Datasheet
38Kb / 1P
Quad Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214 GMT-G1214_06 Datasheet
271Kb / 6P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1224 GMT-G1224_07 Datasheet
335Kb / 8P
Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Unisonic Technologies
PA3211 UTC-PA3211 Datasheet
138Kb / 5P
RAIL TO RAIL I/O,HIGH-SLEW-RATE OP AMP
PA3211 UTC-PA3211_11 Datasheet
185Kb / 4P
RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
PA3211 UTC-PA3211_15 Datasheet
142Kb / 4P
RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
logo
Global Mixed-mode Techn...
G1224 GMT-G1224_15 Datasheet
33Kb / 1P
Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214A GMT-G1214A_15 Datasheet
35Kb / 1P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214 GMT-G1214_15 Datasheet
38Kb / 1P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com