Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1437 Datasheet (PDF) - Semtech Corporation

SC1437 Datasheet PDF - Semtech Corporation
Part # SC1437
Download  SC1437 Download
File Size   93.27 Kbytes
Page   8 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay

SC1437 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1437 Datasheet PDF - Semtech Corporation

Part # SC1437
Download  SC1437 Click to download

File Size   93.27 Kbytes
Page   8 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay

SC1437 Datasheet (HTML) - Semtech Corporation


SC1437 Product details

Description
The SC1437 is a battery over voltage detection circuit with driver for external MOSFET. The trip point is adjustable with an external resistor divider connected to the SENSE pin. The trip point is preset to a nominal trip voltage of 4.2V if no external divider is used. Other internal trip voltages of 4.5V and 4.7V are available, specified by different part numbers. An internal delay, with two selectable times or bypass, is on-board to suppress accidental over voltage conditions due to glitches on the battery supply voltage, V+.

Features
◆ Low quiescent current, less than 10µA typical
◆ Input voltage range 1.8V to 6.8V
◆ Adjustable or preset voltage trip point
◆ Selectable timer delays of 0, 40 and 80ms without use of external resistor
◆ SOT-23 5 lead package
◆ Accuracy is 2% over specified temperature range
◆ 30V maximum rating

Applications
◆ Battery packs
◆ Portable electronics
◆ Lithium Ion protection circuits
◆ Programmable Fuse
◆ Power Monitoring
◆ CPU Reset Circuits




Similar Part No. - SC1437

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
SC143 DIGITRON-SC143 Datasheet
128Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
SC143 NJSEMI-SC143 Datasheet
155Kb / 3P
Bi-Directional Tried* Thy ristor
logo
Digitron Semiconductors
SC143B DIGITRON-SC143B Datasheet
128Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
SC143D DIGITRON-SC143D Datasheet
128Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
SC143E DIGITRON-SC143E Datasheet
128Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
More results


Similar Description - SC1437

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP302 ONSEMI-NCP302 Datasheet
183Kb / 26P
Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
Voltage Detector with Watchdog Timer
logo
ON Semiconductor
NCP302 ONSEMI-NCP302_06 Datasheet
194Kb / 26P
Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
Voltage detector with delay
logo
ON Semiconductor
SCY99091FCT2G ONSEMI-SCY99091FCT2G Datasheet
207Kb / 26P
Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
logo
Texas Instruments
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com