Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1437 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1437
Description  Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1437 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1437 Datasheet HTML 1Page - Semtech Corporation SC1437 Datasheet HTML 2Page - Semtech Corporation SC1437 Datasheet HTML 3Page - Semtech Corporation SC1437 Datasheet HTML 4Page - Semtech Corporation SC1437 Datasheet HTML 5Page - Semtech Corporation SC1437 Datasheet HTML 6Page - Semtech Corporation SC1437 Datasheet HTML 7Page - Semtech Corporation SC1437 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
 2000 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
Absolute Maximum Rating
Electrical Characteristics
SC1437
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
)
-
V
(
o
t
e
g
a
t
l
o
V
y
l
p
p
u
S
+
V+
V0
3
o
t
3
.
0
-V
)
-
V
(
o
t
t
u
p
t
u
O
e
g
a
t
l
o
V
r
e
v
OV
O8
o
t
3
.
0
-V
)
-
V
(
o
t
t
c
e
l
e
SL
E
S7
o
t
3
.
0
-V
)
-
V
(
o
t
e
s
n
e
SE
S
N
E
S7
o
t
3
.
0
-V
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
6
5
2W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
i
t
a
r
e
p
OT
A
5
8
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OT
J
5
2
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
.
c
e
s
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
)
l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
i
t
a
R
D
S
ED
S
E2
V
k
Unless specified, TA = 25 OC, V+ = 1.8V to 6.3V. Values in bold
bold
bold
bold
bold apply over the full operating temperature range.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
TN
I
MP
Y
TX
A
Ms
t
i
n
U
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
n
I+
Ve
g
a
t
l
o
v
t
u
p
n
i
y
r
e
t
t
a
B
8
.
13
.
6
V
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
n
I+
IV
7
.
4
=
+
V
;
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
h
t
i
W0
1
4
1
A
µ
d
l
o
h
s
e
r
h
T
e
g
a
t
l
o
V
r
e
v
O
-
V
o
t
t
c
e
p
s
e
R
h
t
i
w
V
P
I
R
T
n
o
i
t
p
O
V
2
.
4
,-
V
=
E
S
N
E
S
2
1
.
4
2
.
4
8
2
.
4
V
n
o
i
t
p
O
V
5
.
4
,-
V
=
E
S
N
E
S
1
4
.
4
5
.
4
9
5
.
4
V
n
o
i
t
p
O
V
7
.
4
,-
V
=
E
S
N
E
S
1
6
.
4
7
.
4
9
7
.
4
V
V
,r
e
d
i
v
i
D
l
a
n
r
e
t
x
E
E
S
N
E
S
V
,
V
1
.
2
+
E
S
N
E
S
V
2
.
4
o
t
V
1
=2
%
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
II
N
E
S
B
n
i
P
e
s
n
e
S1
A
µ
I
L
E
S
B
n
i
P
t
c
e
l
e
S1
A
µ
s
i
s
r
e
t
s
y
H
d
l
o
h
s
e
r
h
T
V
Ot
s
y
hn
o
i
t
p
O
V
2
.
4
,-
V
=
E
S
N
E
S0
2
4V
m
n
o
i
t
p
O
V
5
.
4
,-
V
=
E
S
N
E
S0
5
4
n
o
i
t
p
O
V
7
.
4
,-
V
=
E
S
N
E
S0
7
4
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
=
E
S
N
E
SV
P
I
R
T
1
.
0
*
t
n
e
r
r
u
C
e
v
i
r
D
V
OV
O
V
R
D
n
o
i
s
r
e
V
B0
5
1A
u
V
2
.
4
=
+
V
,
K
0
0
1
=
R
;
n
o
i
s
r
e
V
L
&
H2
4A
u
y
a
l
e
Dt
y
a
l
e
d
+
V
=
L
E
S
h
t
i
W0
s
m
-
V
=
L
E
S
h
t
i
W
4
2
0
4
6
5
t
c
e
n
n
o
c
o
n
=
L
E
S
h
t
i
W
8
4
0
8
2
1
1
e
g
a
t
l
o
V
p
m
a
l
CV
P
M
L
C
V
5
1
o
t
V
3
=
e
g
a
t
l
o
V
p
e
t
S8
.
6V
e
m
i
T
f
f
O
n
r
u
Tt
f
f
o
F
n
1
=
p
a
c
e
t
a
g
h
t
i
w
T
E
F
l
a
n
r
e
t
x
e
f
o
e
m
i
t
f
f
o
n
r
u
T
0
5
c
e
s
µ
e
m
i
T
f
f
O
-
n
r
u
Tt
t
p
b
f
f
o
r
o
t
a
r
a
p
m
o
C
r
e
m
i
T
s
s
a
p
y
B
V
8
.
60
5c
e
s
µ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com