Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1630 Datasheet (PDF) - Semtech Corporation

SC1630 Datasheet PDF - Semtech Corporation
Part # SC1630
Download  SC1630 Download
File Size   231.56 Kbytes
Page   8 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description LOW VOLTAGE MULTI-MODE DC-DC CONVERTER

SC1630 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1630 Datasheet PDF - Semtech Corporation

Part # SC1630
Download  SC1630 Click to download

File Size   231.56 Kbytes
Page   8 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description LOW VOLTAGE MULTI-MODE DC-DC CONVERTER

SC1630 Datasheet (HTML) - Semtech Corporation


SC1630 Product details

DESCRIPTION
The SC1630 is a DC-DC converter designed to drive an external power switch for more flexibility, especially in higher voltage and larger power applications. Typically six components are required to set up a step-up configuration easily achieving an efficiency beyond 80%. A few more components are required to set up a step down configuration delivering 4A load current with 83% typical efficiency, 86% at 2A load, and 300µA quiescent current.

FEATURES
• Default +5V output voltage
• Adjustable output voltage with two resistors
• Power-saving shutdown mode (7µA typical)
• 120kHz switching rate
• On-chip low battery detector

APPLICATIONS
• Palmtop and notebook computers
• Battery charger supply
• Cellular telephones
• LCD contrast supply
• Flash memory programmer
• Battery backup supplies
• Portable instruments




Similar Part No. - SC1630

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
SC1631-3CS SEMTECH-SC1631-3CS Datasheet
168Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
SC1631-5CS SEMTECH-SC1631-5CS Datasheet
168Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
Silan Microelectronics ...
SC16311 SILAN-SC16311 Datasheet
119Kb / 13P
VFD CONTROLLER/DRIVER
SC16312 SILAN-SC16312 Datasheet
164Kb / 12P
1/4 to 1/11 DUTY FIP(VFD) CONTROLLER/DRIVER
More results


Similar Description - SC1630

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5310 ENPIRION-EN5310 Datasheet
308Kb / 10P
1A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
Low Voltage Step-Up DC/DC Converter
logo
Lowpower Semiconductor ...
LP6284 POWER-LP6284 Datasheet
534Kb / 9P
Multi-Channel DC-DC Converter
logo
WAGO Kontakttechnik Gmb...
753-620 WAGO-753-620 Datasheet
460Kb / 11P
DALI Multi-Master DC/DC Converter
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com