Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1630 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1630
Description  LOW VOLTAGE MULTI-MODE DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1630 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1630 Datasheet HTML 1Page - Semtech Corporation SC1630 Datasheet HTML 2Page - Semtech Corporation SC1630 Datasheet HTML 3Page - Semtech Corporation SC1630 Datasheet HTML 4Page - Semtech Corporation SC1630 Datasheet HTML 5Page - Semtech Corporation SC1630 Datasheet HTML 6Page - Semtech Corporation SC1630 Datasheet HTML 7Page - Semtech Corporation SC1630 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
LOW VOLTAGE MULTI-MODE
DC-DC CONVERTER
SC1630
January 30, 1998
Note:
(1) Add suffix ‘TR’ for tape and reel.
FEATURES
• Default +5V output voltage
• Adjustable output voltage with two resistors
• Power-saving shutdown mode (7µA typical)
• 120kHz switching rate
• On-chip low battery detector
DESCRIPTION
The SC1630 is a DC-DC converter designed to drive
an external power switch for more flexibility, especially
in higher voltage and larger power applications.
Typically six components are required to set up a
step-up configuration easily achieving an efficiency
beyond 80%. A few more components are required to
set up a step down configuration delivering 4A load
current with 83% typical efficiency, 86% at 2A load,
and 300µA quiescent current.
The output voltage can be internally set to 5V or
externally set to an arbitrary value below breakdown
voltage of the power switch. Logic-controlled
shutdown mode is provided for power-saving. The low
battery detector can also be configured as a linear
regulator.
A 120kHz switching rate reduces the inductor size.
Inductors of 25µH to 50µH inductance are
recommended for most applications.
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
BLOCK DIAGRAM
APPLICATIONS
• Palmtop and notebook computers
• Battery charger supply
• Cellular telephones
• LCD contrast supply
• Flash memory programmer
• Battery backup supplies
• Portable instruments
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Supply Voltage
V
IN
7.0
V
Operating
Temperature Range
T
A
0 to 70
°C
Storage Temperature
Range
T
STG
-65 to 125
°C
PIN CONFIGURATION
DEVICE
(1)
PACKAGE
SC1630CS
SO-8
ORDERING INFORMATION


Similar Part No. - SC1630

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
SC1631-3CS SEMTECH-SC1631-3CS Datasheet
168Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
SC1631-5CS SEMTECH-SC1631-5CS Datasheet
168Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
Silan Microelectronics ...
SC16311 SILAN-SC16311 Datasheet
119Kb / 13P
VFD CONTROLLER/DRIVER
SC16312 SILAN-SC16312 Datasheet
164Kb / 12P
1/4 to 1/11 DUTY FIP(VFD) CONTROLLER/DRIVER
More results

Similar Description - SC1630

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5310 ENPIRION-EN5310 Datasheet
308Kb / 10P
1A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
Low Voltage Step-Up DC/DC Converter
logo
Lowpower Semiconductor ...
LP6284 POWER-LP6284 Datasheet
534Kb / 9P
Multi-Channel DC-DC Converter
logo
WAGO Kontakttechnik Gmb...
753-620 WAGO-753-620 Datasheet
460Kb / 11P
DALI Multi-Master DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com