Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8863 Datasheet (PDF) - Semtech Corporation

SC8863 Datasheet PDF - Semtech Corporation
Part # SC8863
Download  SC8863 Download
File Size   92.42 Kbytes
Page   9 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR

SC8863 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC8863 Datasheet PDF - Semtech Corporation

Part # SC8863
Download  SC8863 Click to download

File Size   92.42 Kbytes
Page   9 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR

SC8863 Datasheet (HTML) - Semtech Corporation


SC8863 Product details

Description
The SC8863 is a low dropout linear regulator that operates from a +2.5V to +6.0V input range and delivers up to 150mA. A PMOS pass transistor allows the low 110µA supply current to remain independent of load, making these devices ideal for battery operated portable equipment such as cellular phones, cordless phones and personal digital assistants.

Features
◆ Guaranteed 150mA output current
◆ Works with ceramic capacitors
◆ Fixed or adjustable output
◆ Very small external components
◆ Low 75µVRMS output noise
◆ Very low supply current
◆ Thermal overload protection
◆ Reverse battery protection
◆ Low power shutdown
◆ Full industrial temperature range
◆ Very low profile packaging available (1mm max. height)
◆ Surface mount packaging (SOT-23-5 and TSOT-23-5)

Applications
◆ Battery Powered Systems
◆ Cellular Telephones
◆ Cordless Telephones
◆ Personal Digital Assistants
◆ Portable Instrumentation
◆ Modems
◆ PCMCIA cards




Similar Part No. - SC8863

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC8863-250CSKTR SEMTECH-SC8863-250CSKTR Datasheet
224Kb / 11P
150mA Ultra Low Dropout, Low Noise Regulator
SC8863-250CSKTRT SEMTECH-SC8863-250CSKTRT Datasheet
224Kb / 11P
150mA Ultra Low Dropout, Low Noise Regulator
SC8863-250EVB SEMTECH-SC8863-250EVB Datasheet
224Kb / 11P
150mA Ultra Low Dropout, Low Noise Regulator
SC8863-250TSKTR SEMTECH-SC8863-250TSKTR Datasheet
224Kb / 11P
150mA Ultra Low Dropout, Low Noise Regulator
SC8863-280CSKTR SEMTECH-SC8863-280CSKTR Datasheet
224Kb / 11P
150mA Ultra Low Dropout, Low Noise Regulator
More results


Similar Description - SC8863

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
List of Unclassifed Man...
AMC8878 ETC1-AMC8878 Datasheet
513Kb / 9P
LOW NOISE 150mA LOW DROPOUT REGULATOR
logo
ADDtek Corp
AMC8878 ADDTEK-AMC8878 Datasheet
271Kb / 9P
LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
logo
Semtech Corporation
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
150mA Ultra Low Dropout, Low Noise Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
150mA, Low Noise, Low Dropout Regulator
UM1330 UNIONSEMI-UM1330_15 Datasheet
636Kb / 14P
150mA, Low Noise, Low Dropout Regulator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com