Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8863 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC8863
Description  150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC8863 Datasheet(HTML) 2 Page - Semtech Corporation

  SC8863 Datasheet HTML 1Page - Semtech Corporation SC8863 Datasheet HTML 2Page - Semtech Corporation SC8863 Datasheet HTML 3Page - Semtech Corporation SC8863 Datasheet HTML 4Page - Semtech Corporation SC8863 Datasheet HTML 5Page - Semtech Corporation SC8863 Datasheet HTML 6Page - Semtech Corporation SC8863 Datasheet HTML 7Page - Semtech Corporation SC8863 Datasheet HTML 8Page - Semtech Corporation SC8863 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
150mA ULTRA LOW DROPOUT,
LOW NOISE REGULATOR
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
SC8863
March 1, 2000
2
PIN DESCRIPTIONS
Pin #
Pin Name
Description
1
EN
Active high enable pin. Connect to VIN if not being used.
2
GND
Ground pin. Can be used for heatsinking if needed.
3
IN
Input pin.
4
OUT
Regulator output, sourcing up to 150mA
5
SET
Connecting this pin to ground results in the internally preset value for
V
OUT. Connecting to an external resistor divider changes VOUT to:
TYPICAL APPLICATION - EXTERNALLY SET OUTPUT VOLTAGE
(1)
TYPICAL APPLICATION - INTERNALLY PRESET OUTPUT VOLTAGE
VIN > VOUT + VD(MAX)
VOUT @ IOUT up to 150mA
U1
SC8863
1
2
3
4
5
EN
GND
VIN
VO
SET
C1
1uF Ceramic
C2
1uF Ceramic
 +
•
=
2
R
1
R
1
250
.
1
V
OUT
NOTES:
(1) Select R1 and R2 such that the current flowing through them is
≥ 10µA (i.e. R2 ≤ 120kΩ). A value of 10kΩ is
recommended for R2. Please see Component Selection - Externally Set Output.
VOUT @ IOUT up to 150mA
VIN > VOUT + VD(MAX)
C2
2.2uF Ceramic
U1
SC8863
1
2
3
4
5
EN
GND
VIN
VO
SET
R1
R2
10k
C1
1uF Ceramic



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com