Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS24C Datasheet (PDF) - Semtech Corporation

SMS24C Datasheet PDF - Semtech Corporation
Part # SMS24C
Download  SMS24C Download
File Size   164.71 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description TVS Diode Array For ESD and Latch-Up Protection???

SMS24C Datasheet (PDF)

Go To PDF Page Download Datasheet
SMS24C Datasheet PDF - Semtech Corporation

Part # SMS24C
Download  SMS24C Click to download

File Size   164.71 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description TVS Diode Array For ESD and Latch-Up Protection???

SMS24C Datasheet (HTML) - Semtech Corporation


SMS24C Product details

Description
The SMS series of TVS arrays are designed to protect sensitive electronics from damage or latch-up due to ESD and other voltage-induced transient events. Each device will protect up to five lines. They are available with operating voltages of 5V, 12V, 15V and 24V. They are unidirectional devices and may be used on lines where the signal polarities are above ground.
TVS diodes are solid-state devices designed specifically for transient suppression. They feature large cross sectional area junctions for conducting high transient currents. They offer desirable characteristics for board level protection including fast response time, low operating and clamping voltage and no device degradation.

Features
♦ Transient protection for data lines to
   IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
   IEC 61000-4-4 (EFT) 40A (5/50ns)
   IEC 61000-4-5 (Lightning) 24A (8/20µs)
♦ Small package for use in portable electronics
♦ Protects five I/O lines
♦ Working voltages: 5V, 12V, 15V and 24V
♦ Low leakage current
♦ Low operating and clamping voltages
♦ Solid-state silicon avalanche technology

Applications
♦ Cell phone Handsets and Accessories
♦ Microprocessor Based Equipment
♦ Personal Digital Assistants (PDA’s)
♦ Notebooks, Desktops, and Servers
♦ Portable Instrumentation
♦ Set Top Box
♦ Peripherals
♦ MP3 Players
♦ Cordless Phones




Similar Part No. - SMS24C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMS24C MICROSEMI-SMS24C Datasheet
186Kb / 2P
4 LINE BIDIRECTIONAL TVSarray
logo
ON Semiconductor
SMS24C ONSEMI-SMS24C Datasheet
112Kb / 6P
5-Line Transient Voltage Suppressor Array
February, 2005 ??Rev. 5
logo
Semtech Corporation
SMS24C SEMTECH-SMS24C Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Protek Devices
SMS24C PROTEC-SMS24C Datasheet
707Kb / 8P
MULTI-LINE TVS ARRAY
SMS24C PROTEC-SMS24C Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
More results


Similar Description - SMS24C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMF05 SEMTECH-SMF05 Datasheet
160Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection?
SMF05C SEMTECH-SMF05C Datasheet
151Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
SMS05 SEMTECH-SMS05 Datasheet
161Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
SMF05C SEMTECH-SMF05C_04 Datasheet
153Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
SMS05C SEMTECH-SMS05C_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Unisonic Technologies
USMS05 UTC-USMS05 Datasheet
124Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
SDA05DT4 LEIDITECH-SDA05DT4 Datasheet
150Kb / 3P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com