Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF05C Datasheet (PDF) - Semtech Corporation

SMF05C Datasheet PDF - Semtech Corporation
Part # SMF05C
Download  SMF05C Download
File Size   151.93 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description TVS Diode Array For ESD and Latch-Up Protection???

SMF05C Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF05C Datasheet PDF - Semtech Corporation

Part # SMF05C
Download  SMF05C Click to download

File Size   151.93 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description TVS Diode Array For ESD and Latch-Up Protection???

SMF05C Datasheet (HTML) - Semtech Corporation


SMF05C Product details

Description

The SMF series TVS arrays are designed to protect sensitive electronics from damage or latch-up due to ESD and other voltage-induced transient events. They are designed for use in applications where board space is at a premium. Each device will protect up to five lines. They are unidirectional devices and may be used on lines where the signal polarities are above ground.



Features

‹ESD protection for data lines to

  IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)

  IEC 61000-4-4 (EFT) 40A (5/50ns)

‹Small package for use in portable electronics

‹Protects five I/O lines

‹Working voltage: 5V

‹Low leakage current

‹Low operating and clamping voltages

‹Solid-state silicon-avalanche technology



Applications

‹Cellular Handsets and Accessories

‹Cordless Phones

‹Personal Digital Assistants (PDA’s)

‹Notebooks and Handhelds

‹Portable Instrumentation

‹Digital Cameras

‹Peripherals

‹MP3 Players




Similar Part No. - SMF05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SMF05C PROTEC-SMF05C Datasheet
112Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
logo
ON Semiconductor
SMF05C ONSEMI-SMF05C Datasheet
59Kb / 4P
5-Line Transient Voltage Suppressor Array
June, 2004 ??Rev. 1
logo
Semtech Corporation
SMF05C SEMTECH-SMF05C Datasheet
153Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Protek Devices
SMF05C PROTEC-SMF05C Datasheet
672Kb / 7P
MULTI-LINE TVS ARRAY
SMF05C PROTEC-SMF05C Datasheet
674Kb / 7P
MULTI-LINE TVS ARRAY
More results


Similar Description - SMF05C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMF05 SEMTECH-SMF05 Datasheet
160Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection?
SMS05 SEMTECH-SMS05 Datasheet
161Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
SMS05C SEMTECH-SMS05C Datasheet
164Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
SMF05C SEMTECH-SMF05C_04 Datasheet
153Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
SMS05C SEMTECH-SMS05C_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Unisonic Technologies
USMS05 UTC-USMS05 Datasheet
124Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
SDA05DT4 LEIDITECH-SDA05DT4 Datasheet
150Kb / 3P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com