Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF05C Datasheet (PDF) - Protek Devices

SMF05C Datasheet PDF - Protek Devices
Part # SMF05C
Download  SMF05C Download
File Size   112.74 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STANDARD CAPACITANCE TVS ARRAY

SMF05C Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF05C Datasheet PDF - Protek Devices

Part # SMF05C
Download  SMF05C Click to download

File Size   112.74 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STANDARD CAPACITANCE TVS ARRAY

SMF05C Datasheet (HTML) - Protek Devices


SMF05C Product details

DESCRIPTION
The SMFxxC series are subminiature TVS suppressor arrays designed for the protection of sensitive IC components from the damaging effects of Electrostatic Discharge (ESD) and Electrial Fast Transients (EFT). This series is ideally suited for use in portable electronics such as SMART phones, laptops, as well as cellular phone base stations.
The SMFxxC series provides protection in accordance with IEC 61000-4-2 and IEC 61000-4-4 requirements. This series is available in a SC70-6L package configuration and is rated at 100 Watts peak pulse power (8/20µs) per line.

FEATURES
•  Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
•  Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
•  100 Watts Peak Pulse Power per Line(tp = 8/20µs)
•  Monolithic Design
•  Protects 4 Bidirectional Lines or 5 Unidirectional Lines
•  ESD Protection > 25 kilovolts
•  Available in Multiple Voltages
•  Low Clamping Voltage
•  RoHS Compliant

APPLICATIoNS
•  Notebook Computers
•  Cellular Phone Base Stations
•  SMART Phones
•  Digital Cameras




Similar Part No. - SMF05C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMF05C SEMTECH-SMF05C Datasheet
151Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
logo
ON Semiconductor
SMF05C ONSEMI-SMF05C Datasheet
59Kb / 4P
5-Line Transient Voltage Suppressor Array
June, 2004 ??Rev. 1
logo
Semtech Corporation
SMF05C SEMTECH-SMF05C Datasheet
153Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Protek Devices
SMF05C PROTEC-SMF05C Datasheet
672Kb / 7P
MULTI-LINE TVS ARRAY
SMF05C PROTEC-SMF05C Datasheet
674Kb / 7P
MULTI-LINE TVS ARRAY
More results


Similar Description - SMF05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com