Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF05C Datasheet (PDF) - ON Semiconductor

SMF05C Datasheet PDF - ON Semiconductor
Part # SMF05C
Download  SMF05C Download
File Size   59.85 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5-Line Transient Voltage Suppressor Array

SMF05C Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF05C Datasheet PDF - ON Semiconductor

Part # SMF05C
Download  SMF05C Click to download

File Size   59.85 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5-Line Transient Voltage Suppressor Array

SMF05C Datasheet (HTML) - ON Semiconductor


SMF05C Product details

5−Line Transient Voltage Suppressor Array

This 5−line voltage transient suppressor array is designed for application requiring transient voltage protection capability. It is  intended for use in over−transient voltage and ESD sensitive equipment such as computers, printers, automotive electronics,
networking communication and other applications. This device features a monolithic common anode design which protects five independent lines in a single SC−88 package.

Features
•Protects up to 5−Line in a Single SC−88 Package
•Peak Power Dissipation −100 W (8 x 20 s Waveform)
•ESD Rating of Class 3B (Exceeding 8 kV) per Human Body Model and Class C (Exceeding 400 V) per Machine Model.
•Compliance with IEC 61000−4−2 (ESD) 15 kV (Air), 8 kV (Contact)
•Flammability Rating of UL 94 V−0
•Pb−Free Packages are Available

Applications
•Hand−Held Portable Applications
•Networking and Telecom
•Automotive Electronics
•Serial and Parallel Ports
•Notebooks, Desktops, Servers




Similar Part No. - SMF05C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMF05C SEMTECH-SMF05C Datasheet
151Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
logo
Protek Devices
SMF05C PROTEC-SMF05C Datasheet
112Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
logo
Semtech Corporation
SMF05C SEMTECH-SMF05C Datasheet
153Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Protek Devices
SMF05C PROTEC-SMF05C Datasheet
672Kb / 7P
MULTI-LINE TVS ARRAY
SMF05C PROTEC-SMF05C Datasheet
674Kb / 7P
MULTI-LINE TVS ARRAY
More results


Similar Description - SMF05C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMS05C ONSEMI-SMS05C Datasheet
112Kb / 6P
5-Line Transient Voltage Suppressor Array
February, 2005 ??Rev. 5
NUP5150MU ONSEMI-NUP5150MU Datasheet
89Kb / 4P
5-Line Transient Voltage Suppressor Array
September, 2007 - Rev. 0
logo
WILLAS ELECTRONIC CORP
SEMFXXC WILLAS-SEMFXXC Datasheet
297Kb / 3P
5-Line Transient Voltage Suppressor Array
SESMF05C WILLAS-SESMF05C Datasheet
293Kb / 4P
5-Line Transient Voltage Suppressor Array
logo
ON Semiconductor
SMS05CT1G ONSEMI-SMS05CT1G Datasheet
167Kb / 5P
5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
logo
WILLAS ELECTRONIC CORP
SEMF05 WILLAS-SEMF05_12 Datasheet
391Kb / 4P
4-Line Transient Voltage Suppressor Array
logo
ON Semiconductor
SZSMS24CT1G ONSEMI-SZSMS24CT1G Datasheet
167Kb / 5P
5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
logo
Bruckewell Technology L...
ESMFXX BWTECH-ESMFXX Datasheet
468Kb / 4P
4-Line Transient Voltage Suppressor Array
logo
ON Semiconductor
SMS05C ONSEMI-SMS05C_11 Datasheet
167Kb / 5P
5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
SMF05CT1G ONSEMI-SMF05CT1G Datasheet
133Kb / 4P
5-Line Transient Voltage Suppressor Array
February, 2012 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com