Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906LP Datasheet (PDF) - Diodes Incorporated

MMBT3906LP Datasheet PDF - Diodes Incorporated
Part # MMBT3906LP
Download  MMBT3906LP Download
File Size   162.54 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR

MMBT3906LP Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT3906LP Datasheet PDF - Diodes Incorporated

Part # MMBT3906LP
Download  MMBT3906LP Click to download

File Size   162.54 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR

MMBT3906LP Datasheet (HTML) - Diodes Incorporated


MMBT3906LP Product details

Features
• BVCEO > -40V
• IC = -200mA High Collector Current
• PD = 1000mW Power Dissipation
• 0.60mm2 Package Footprint, 13 times Smaller than SOT23
• 0.5mm Height Package Minimizing Off-Board Profile
• Complementary NPN Type MMBT3904LP
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - MMBT3906LP

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
MMBT3906LP FUTUREWAFER-MMBT3906LP Datasheet
1Mb / 14P
40V Matched Pair PNP Small Signal Transistors
20-DEC-2021 V 2.1
logo
Diodes Incorporated
MMBT3906LP-7 DIODES-MMBT3906LP-7 Datasheet
409Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
MMBT3906LP-7B DIODES-MMBT3906LP-7B Datasheet
409Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
MMBT3906LP DIODES-MMBT3906LP_15 Datasheet
409Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
More results


Similar Description - MMBT3906LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
MMST4126 DIODES-MMST4126_1 Datasheet
82Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30161 Rev. 6 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
2DA1774QLP DIODES-2DA1774QLP Datasheet
103Kb / 4P
40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS31438 Rev. 4 - 2
MMBT3904-13-F DIODES-MMBT3904-13-F Datasheet
132Kb / 7P
40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 20
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Rev 11
MMBT2222ALP4 DIODES-MMBT2222ALP4 Datasheet
155Kb / 7P
40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
MMBT2222ALP4 DIODES-MMBT2222ALP4_15 Datasheet
155Kb / 7P
40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
MMBT3906 DIODES-MMBT3906_17 Datasheet
380Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR
Rev 20
MMBT3906T DIODES-MMBT3906T_16 Datasheet
428Kb / 6P
40V PNP SMALL SIGNAL TRANSISTOR
Rev 10
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com