Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBT3906LP
Description  40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3906LP Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBT3906LP Datasheet HTML 1Page - Diodes Incorporated MMBT3906LP Datasheet HTML 2Page - Diodes Incorporated MMBT3906LP Datasheet HTML 3Page - Diodes Incorporated MMBT3906LP Datasheet HTML 4Page - Diodes Incorporated MMBT3906LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMBT3906LP
Document number: DS31836 Rev. 3 - 2
1 of 5
www.diodes.com
February 2011
© Diodes Incorporated
MMBT3906LP
40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
•
Complementary NPN Type Available (MMBT3904LP)
•
Ultra-Small Leadless Surface Mount Package
•
“Lead Free”, RoHS Compliant (Note 1)
•
Halogen and Antimony Free. "Green" Device (Note 2)
•
ESD rating: 200V-MM, 4KV-HBM
Mechanical Data
•
Case: DFN1006-3
•
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish
⎯ NiPdAu over Copper leadframe. Solderable
per MIL-STD-202, Method 208
•
Weight: 0.008 grams (approximate)
Ordering Information
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
MMBT3906LP-7
3N
7
8mm
3,000
MMBT3906LP-7B
3N
7
8mm
10,000
Notes:
1. No purposefully added lead.
2. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
3N = Product Type Marking Code
Top View
Device Schematic
Bottom View
DFN1006-3
Device Symbol
C
E
B
C
E
B
MMBT3906LP-7
MMBT3906LP-7B
Top View
Bar Denotes Base
and Emitter Side
Top View
Dot Denotes
Collector Side
3N
3N


Similar Part No. - MMBT3906LP

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
MMBT3906LP FUTUREWAFER-MMBT3906LP Datasheet
1Mb / 14P
40V Matched Pair PNP Small Signal Transistors
20-DEC-2021 V 2.1
logo
Diodes Incorporated
MMBT3906LP-7 DIODES-MMBT3906LP-7 Datasheet
409Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
MMBT3906LP-7B DIODES-MMBT3906LP-7B Datasheet
409Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
MMBT3906LP DIODES-MMBT3906LP_15 Datasheet
409Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
More results

Similar Description - MMBT3906LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
MMST4126 DIODES-MMST4126_1 Datasheet
82Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30161 Rev. 6 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
2DA1774QLP DIODES-2DA1774QLP Datasheet
103Kb / 4P
40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS31438 Rev. 4 - 2
MMBT3904-13-F DIODES-MMBT3904-13-F Datasheet
132Kb / 7P
40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 20
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Rev 11
MMBT2222ALP4 DIODES-MMBT2222ALP4 Datasheet
155Kb / 7P
40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
MMBT2222ALP4 DIODES-MMBT2222ALP4_15 Datasheet
155Kb / 7P
40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
MMBT3906 DIODES-MMBT3906_17 Datasheet
380Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR
Rev 20
MMBT3906T DIODES-MMBT3906T_16 Datasheet
428Kb / 6P
40V PNP SMALL SIGNAL TRANSISTOR
Rev 10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com