Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXRE250 Datasheet (PDF) - Diodes Incorporated

ZXRE250 Datasheet PDF - Diodes Incorporated
Part # ZXRE250
Download  ZXRE250 Download
File Size   407.08 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description VERY LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR

ZXRE250 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXRE250 Datasheet PDF - Diodes Incorporated

Part # ZXRE250
Download  ZXRE250 Click to download

File Size   407.08 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description VERY LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR

ZXRE250 Datasheet (HTML) - Diodes Incorporated


ZXRE250 Product details

The ZXRE250/2 are three terminal adjustable shunt regulators offering excellent temperature stability and output current handling capability up to 100mA.
These devices feature a very low cathode current for regulation, typically 40μA.
They provide a low power enhancement to industry standard ‘431 parts. Available as standard A grade (1% tolerance) and B grade (0.5% tolerance), all with a -40oC to 125oC temperature range as standard.
The ZXRE250 is available in 3-pin and 5-pin versions of SOT23, ZXRE252 offers a reverse pinout in SOT23. The ZXRE250/2 can be used as a replacement for Zener diodes in many applications requiring an improvement in Zener performance.

The Diodes advantage
■ Very low minimum cathode current for regulation; 40μA typical
   Ensures minimum power dissipation in applications such as idle
   power for ACDC external PSU’s for laptop PC’s
■ Wide temperature range: -40 to 125oC
   Simplifies component choice and stocking
■ Maximum cathode voltage of 36V
   Matches industry standard ‘431; allowing it to be used in a wide
   range of applications
■ Available in SOT23 and SOT25 with green (no Br, Sb) molding compound
   Environmentally friendly small surface mount package variants
■ 0.5% and 1% variants in all package options
   Meets requirements of modern equipment




Similar Part No. - ZXRE250

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE250 DIODES-ZXRE250 Datasheet
209Kb / 2P
Very low cathode current 2.5V shunt regulator with industrial temperature range and 36V max input voltage
Rev erse
ZXRE250ASA-7 DIODES-ZXRE250ASA-7 Datasheet
209Kb / 2P
Very low cathode current 2.5V shunt regulator with industrial temperature range and 36V max input voltage
Rev erse
ZXRE250AW5-7 DIODES-ZXRE250AW5-7 Datasheet
209Kb / 2P
Very low cathode current 2.5V shunt regulator with industrial temperature range and 36V max input voltage
Rev erse
ZXRE250BSA-7 DIODES-ZXRE250BSA-7 Datasheet
209Kb / 2P
Very low cathode current 2.5V shunt regulator with industrial temperature range and 36V max input voltage
Rev erse
ZXRE250BW5-7 DIODES-ZXRE250BW5-7 Datasheet
209Kb / 2P
Very low cathode current 2.5V shunt regulator with industrial temperature range and 36V max input voltage
Rev erse
More results


Similar Description - ZXRE250

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
Low Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
Low Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I Datasheet
388Kb / 16P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I BCDSEMI-AS431I_11 Datasheet
409Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I BCDSEMI-AS431I_12 Datasheet
439Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
TL431LL UTC-TL431LL Datasheet
148Kb / 6P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AP431I DIODES-AP431I Datasheet
445Kb / 17P
LOW CATHODE CUREENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 6
AS431I DIODES-AS431I Datasheet
448Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 3
AP431S DIODES-AP431S Datasheet
524Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com