Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS431I Datasheet (PDF) - Diodes Incorporated

AS431I Datasheet PDF - Diodes Incorporated
Part # AS431I
Download  AS431I Download
File Size   448.09 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR

AS431I Datasheet (PDF)

Go To PDF Page Download Datasheet
AS431I Datasheet PDF - Diodes Incorporated

Part # AS431I
Download  AS431I Click to download

File Size   448.09 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR

AS431I Datasheet (HTML) - Diodes Incorporated


AS431I Product details

Description
The AS431I is a three-terminal adjustable shunt regulator with guaranteed thermal stability over a full operation range. It features sharp turn-on characteristics, low temperature coefficient and low output impedance, which make it ideal substitute for Zener diode in applications such as switching power supply, charger and other adjustable regulators.

Features
 • Programmable Precise Output Voltage from 2.5V to 36V
 • High Stability Under Capacitive Load
 • Low Minimum Cathode Current for Regulation: 10µA (Typ.), 50µA (Max.)
 • Low Temperature Deviation: 4.5mV Typical
 • Sink Current Capacity from 50µA to 100mA
 • Low Output Noise
 • Wide Operating Range: -40 to +125oC
 • Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 • Halogen and Antimony Free. “Green” Device (Note 3)

Applications
 • Charger
 • Voltage Adapter
 • Switching Power Supply
 • Graphic Card
 • Precision Voltage Reference




Similar Part No. - AS431I

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I Datasheet
388Kb / 16P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I BCDSEMI-AS431I Datasheet
409Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I BCDSEMI-AS431I Datasheet
439Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431IANTR-G1 BCDSEMI-AS431IANTR-G1 Datasheet
409Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431IANTR-G1 BCDSEMI-AS431IANTR-G1 Datasheet
439Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Similar Description - AS431I

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
Low Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
Low Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I Datasheet
388Kb / 16P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
ZXRE250 DIODES-ZXRE250 Datasheet
407Kb / 14P
VERY LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 3
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I_11 Datasheet
409Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I BCDSEMI-AS431I_12 Datasheet
439Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
TL431LL UTC-TL431LL Datasheet
148Kb / 6P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AP431I DIODES-AP431I Datasheet
445Kb / 17P
LOW CATHODE CUREENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 6
AP431S DIODES-AP431S Datasheet
524Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com