Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS431I Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AS431I
Description  LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS431I Datasheet(HTML) 3 Page - Diodes Incorporated

  AS431I Datasheet HTML 1Page - Diodes Incorporated AS431I Datasheet HTML 2Page - Diodes Incorporated AS431I Datasheet HTML 3Page - Diodes Incorporated AS431I Datasheet HTML 4Page - Diodes Incorporated AS431I Datasheet HTML 5Page - Diodes Incorporated AS431I Datasheet HTML 6Page - Diodes Incorporated AS431I Datasheet HTML 7Page - Diodes Incorporated AS431I Datasheet HTML 8Page - Diodes Incorporated AS431I Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AS431I
Document number: DS36816 Rev. 3 - 2
3 of 17
www.diodes.com
July 2014
© Diodes Incorporated
AS431I
A Product Line of
Diodes Incorporated
Typical Applications Circuit (Cont.)
Current Source or Current Limit
Precision 5V 1A Regulator
PWM Converter with Reference
IOUT=VREF/R2+ IKA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com