Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHCT1G08 Datasheet (PDF) - Diodes Incorporated

74AHCT1G08 Datasheet PDF - Diodes Incorporated
Part # 74AHCT1G08
Download  74AHCT1G08 Download
File Size   179.73 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 2 INPUT POSITIVE AND GATE

74AHCT1G08 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHCT1G08 Datasheet PDF - Diodes Incorporated

Part # 74AHCT1G08
Download  74AHCT1G08 Click to download

File Size   179.73 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 2 INPUT POSITIVE AND GATE

74AHCT1G08 Datasheet (HTML) - Diodes Incorporated


74AHCT1G08 Product details

Description

The 74AHCT1G08 is a single 2-input positive AND gate with a standard totem pole output. The device is designed for operation with a power supply range of 4.5V to 5.5V. The gate performs the positive Boolean function:



Features

• Supply Voltage Range from 4.5V to 5.5V

• ± 8 mA Output Drive at 5.0V

• CMOS low power consumption

• Schmitt Trigger Action at All Inputs Make the Circuit

Tolerant for Slower Input Rise and Fall Time.

• ESD Protection per JESD 22

o Exceeds 200-V Machine Model (A115-A)

o Exceeds 2000-V Human Body Model (A114-A)

o Exceeds 1000-V Charged Device Model (C101C)

• Latch-Up Exceeds 100mA per JESD 78, Class II

• SOT25 and SOT353: Assembled with “Green” Molding

Compound (no Br, Sb)

• Lead Free Finish / RoHS Compliant (Note 1)




Similar Part No. - 74AHCT1G08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
80Kb / 12P
2-input AND gate
1999 Jan 27
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
2-input AND gate
2002 Jun 06
74AHCT1G08 NXP-74AHCT1G08 Datasheet
77Kb / 11P
2-input AND gate
Rev. 06-29 June 2007
logo
Nexperia B.V. All right...
74AHCT1G08 NEXPERIA-74AHCT1G08 Datasheet
210Kb / 11P
2-input AND gate
Rev. 8 - 11 January 2022
74AHCT1G08-Q100 NEXPERIA-74AHCT1G08-Q100 Datasheet
682Kb / 12P
2-input AND gate
More results


Similar Description - 74AHCT1G08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08_2 Datasheet
572Kb / 13P
SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
SINGLE 2 INPUT POSITIVE AND GATE
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com