Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G08 Datasheet (PDF) - Diodes Incorporated

74LVC1G08 Datasheet PDF - Diodes Incorporated
Part # 74LVC1G08
Download  74LVC1G08 Download
File Size   199.55 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 2 INPUT POSITIVE AND GATE

74LVC1G08 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G08 Datasheet PDF - Diodes Incorporated

Part # 74LVC1G08
Download  74LVC1G08 Click to download

File Size   199.55 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 2 INPUT POSITIVE AND GATE

74LVC1G08 Datasheet (HTML) - Diodes Incorporated


74LVC1G08 Product details

Description
The 74LVC1G08 is a single 2-input positive AND gate with a standard push-pull output. The device is designed for operation with a power supply range of 1.65V to 5.5V. The inputs are tolerant to 5.5V allowing this device to be used in a mixed voltage environment. The device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output preventing damaging current backflow when the device is powered down.

Features
● Wide Supply Voltage Range from 1.65 to 5.5V
● ± 24mA Output Drive at 3.3V
● CMOS Low Power Consumption
● IOFF Supports Partial-Power-Down Mode Operation
● Inputs Accept Up to 5.5V
● ESD Protection Tested per JESD 22
   ▪ Exceeds 200-V Machine Model (A115)
   ▪ Exceeds 2000-V Human Body Model (A114)
   ▪ Exceeds 1000-V Charged Device Model (C101)
● Latch-Up Exceeds 100mA per JESD 78, Class I
● Range of Package Options
● Direct Interface with TTL Levels
● Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
● Halogen and Antimony Free. “Green” Device (Note 3)

Applications
● Voltage Level Shifting
● General Purpose Logic
● Power Down Signal Isolation
● Wide Array of Products Such as.
   ▪ PCs, Networking, Notebooks, Netbooks, PDAs
   ▪ Tablet Computers, E-readers
   ▪ Computer Peripherals, Hard Drives, CD/DVD ROM
   ▪ TV, DVD, DVR, Set Top Box
   ▪ Cell Phones, Personal Navigation / GPS
   ▪ MP3 Players , Cameras, Video Recorders




Similar Part No. - 74LVC1G08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G08 PHILIPS-74LVC1G08 Datasheet
85Kb / 15P
Single 2-input AND gate
2004 Sep 15
74LVC1G08 NXP-74LVC1G08 Datasheet
87Kb / 14P
Single 2-input AND gate
Rev. 10-29 June 2012
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
NXP Semiconductors
74LVC1G08 NXP-74LVC1G08 Datasheet
354Kb / 19P
Single 2-input AND gate
Rev. 10-29 June 2012
logo
Nexperia B.V. All right...
74LVC1G08 NEXPERIA-74LVC1G08 Datasheet
266Kb / 17P
Single 2-input AND gate
Rev. 14 - 24 February 2022
More results


Similar Description - 74LVC1G08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
single 2-input positive-and gate
SN74AHCT1G08 TI-SN74AHCT1G08_2 Datasheet
572Kb / 13P
SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
SINGLE 2 INPUT POSITIVE AND GATE
Rev 1
logo
Texas Instruments
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
SINGLE 2 INPUT POSITIVE AND GATE
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com