Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G08 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74LVC1G08
Description  SINGLE 2 INPUT POSITIVE AND GATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G08 Datasheet(HTML) 4 Page - Diodes Incorporated

  74LVC1G08 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74LVC1G08
SINGLE 2 INPUT POSITIVE AND GATE
74LVC1G08
Document number: DS32199 Rev. 1 - 2
4 of 11
www.diodes.com
May 2010
© Diodes Incorporated
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Min
Max
Unit
VCC
Operating Voltage
Operating
1.65
5.5
V
Data retention only
1.5
V
VIH
High-level Input Voltage
VCC = 1.65V to 1.95V
0.65 X VCC
V
VCC = 2.3V to 2.7
1.7
VCC = 3 V to 3.6V
2
VCC = 4.5V to 5.5V
0.7 X VCC
VIL
Low-level input voltage
VCC = 1.65V to 1.95V
0.35 X VCC
V
VCC = 2.3V to 2.7V
0.7
VCC = 3V to 3.6V
0.8
VCC = 4.5V to 5.5V
0.3 X VCC
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
IOH
High-level output current
VCC = 1.65V
-4
mA
VCC = 2.3V
-8
VCC = 3V
-16
-24
VCC = 4.5V
-32
IOL
Low-level output current
VCC = 1.65V
4
mA
VCC = 2.3V
8
VCC = 3V
16
24
VCC = 4.5V
32
Δt/ΔV
Input transition rise or fall
rate
VCC = 1.8V ± 0.15V, 2.5V ± 0.2V
20
ns/V
VCC = 3.3V ± 0.3V
10
VCC = 5V ± 0.5V
5
TA
Operating free-air
temperature
-40
85
ºC
Notes:
3. Unused inputs should be held at Vcc or Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com