Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP51 Datasheet (PDF) - Diodes Incorporated

BCP51 Datasheet PDF - Diodes Incorporated
Part # BCP51
Download  BCP51 Download
File Size   116.75 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223

BCP51 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCP51 Datasheet PDF - Diodes Incorporated

Part # BCP51
Download  BCP51 Click to download

File Size   116.75 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223

BCP51 Datasheet (HTML) - Diodes Incorporated


BCP51 Product details

Features
• BVCEO > -45V, -60V & -80V
• IC = -1A High Continuous Collector Current
• ICM = -2A Peak Pulse Current
• 2W Power Dissipation
• Low Saturation Voltage VCE(sat) < -500mV @ -0.5A
• Gain Groups 10 and 16
• Complementary NPN Types: BCP54, 55 and 56
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Applications
• Medium Power Switching or Amplification Applications
• AF Driver and Output Stages




Similar Part No. - BCP51

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
PNP medium power transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCP51 SIEMENS-BCP51 Datasheet
140Kb / 5P
PNP Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BCP51 INFINEON-BCP51 Datasheet
48Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BCP51 DIOTEC-BCP51 Datasheet
234Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Fairchild Semiconductor
BCP51 FAIRCHILD-BCP51 Datasheet
40Kb / 3P
PNP General Purpose Amplifier
More results


Similar Description - BCP51

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT755 ZETEX-FZT755_05 Datasheet
40Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSP31 ZETEX-BSP31 Datasheet
47Kb / 1P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
FZT755 DIODES-FZT755 Datasheet
47Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ISSUE 5 MARCH 2005
FZT788B DIODES-FZT788B Datasheet
93Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM
ISSUE 3 - OCTOBER 1995
FZT790A DIODES-FZT790A Datasheet
94Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM
ISSUE 3 - OCTOBER 1995
FZT795A DIODES-FZT795A Datasheet
97Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM
ISSUE 3 - OCTOBER 1995
FZT796A DIODES-FZT796A Datasheet
90Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM
OCTOBER 1995
BCP54 DIODES-BCP54 Datasheet
131Kb / 7P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Rev 2
FZT558TA DIODES-FZT558TA Datasheet
378Kb / 6P
400V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
BCP51_52_53 DIODES-BCP51_52_53_15 Datasheet
399Kb / 7P
PNP MEDIUM POWER TRANSISTORS IN SOT223
Rev 6
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com