Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP54 Datasheet (PDF) - Diodes Incorporated

BCP54 Datasheet PDF - Diodes Incorporated
Part # BCP54
Download  BCP54 Download
File Size   131.1 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223

BCP54 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCP54 Datasheet PDF - Diodes Incorporated

Part # BCP54
Download  BCP54 Click to download

File Size   131.1 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223

BCP54 Datasheet (HTML) - Diodes Incorporated


BCP54 Product details

Features
• BVCEO > 45V, 60V & 80V
• IC = 1A High Continuous Collector Current
• ICM = 2A Peak Pulse Current
• 2W Power Dissipation
• Low Saturation Voltage VCE(sat) < 500mV @ 0.5A
• Gain Groups 10 and 16
• Complementary PNP Types: BCP51, 52 and 53
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Applications
• Medium Power Switching or Amplification Applications
• AF Driver and Output Stages




Similar Part No. - BCP54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
NPN medium power transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCP54 SIEMENS-BCP54 Datasheet
131Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Fairchild Semiconductor
BCP54 FAIRCHILD-BCP54 Datasheet
39Kb / 4P
NPN General Purpose Amplifier
logo
Infineon Technologies A...
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BCP54 DIOTEC-BCP54 Datasheet
236Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results


Similar Description - BCP54

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT604 ZETEX-FZT604 Datasheet
70Kb / 3P
SOT223 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
BSP40 ZETEX-BSP40 Datasheet
47Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BSP41 ZETEX-BSP41 Datasheet
47Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
FZT694B DIODES-FZT694B Datasheet
111Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM
OCTOBER 1995
BCP51 DIODES-BCP51 Datasheet
116Kb / 7P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Rev 2
FZT458TA DIODES-FZT458TA Datasheet
272Kb / 7P
400V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT491ATA DIODES-FZT491ATA Datasheet
212Kb / 7P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
FZT489TA DIODES-FZT489TA Datasheet
227Kb / 7P
30V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
BCP54_55_56 DIODES-BCP54_55_56_15 Datasheet
430Kb / 7P
NPN MEDIUM POWER TRANSISTORS IN SOT223
Rev 6
BCP5416Q DIODES-BCP5416Q Datasheet
395Kb / 8P
NPN MEDIUM POWER TRANSISTORS IN SOT223
August 2021 Rev. 5 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com