Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP5416Q Datasheet (PDF) - Diodes Incorporated

BCP5416Q Datasheet PDF - Diodes Incorporated
Part # BCP5416Q
Download  BCP5416Q Download
File Size   395.23 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN MEDIUM POWER TRANSISTORS IN SOT223

BCP5416Q Datasheet (PDF)

Go To PDF Page Download Datasheet
BCP5416Q Datasheet PDF - Diodes Incorporated

Part # BCP5416Q
Download  BCP5416Q Click to download

File Size   395.23 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN MEDIUM POWER TRANSISTORS IN SOT223

BCP5416Q Datasheet (HTML) - Diodes Incorporated


BCP5416Q Product details

Features
• BVCEO > 45V & 80V
• IC = 1A Continuous Collector Current
• ICM = 2A Peak Pulse Current
• 2W Power Dissipation
• Low Saturation Voltage VCE(sat) < 500mV @ 0.5A
• Complementary PNP Type: BCP5316Q
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen- and Antimony-Free. “Green” Device (Note 3)
• The BCP5416Q and BCP5616Q are suitable for automotive applications requiring specific change control; these parts are AEC-Q101 qualified, PPAP capable, and manufactured in IATF16949 certified facilities.




Similar Part No. - BCP5416Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCP5416TA DIODES-BCP5416TA Datasheet
131Kb / 7P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Rev 2
More results


Similar Description - BCP5416Q

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSP40 ZETEX-BSP40 Datasheet
47Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BSP41 ZETEX-BSP41 Datasheet
47Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BCP54 DIODES-BCP54 Datasheet
131Kb / 7P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Rev 2
FZT851TA DIODES-FZT851TA Datasheet
351Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
FZT853TA DIODES-FZT853TA Datasheet
249Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
BCP51_52_53 DIODES-BCP51_52_53_15 Datasheet
399Kb / 7P
PNP MEDIUM POWER TRANSISTORS IN SOT223
Rev 6
BCP54_55_56 DIODES-BCP54_55_56_15 Datasheet
430Kb / 7P
NPN MEDIUM POWER TRANSISTORS IN SOT223
Rev 6
BCP5316Q DIODES-BCP5316Q_15 Datasheet
283Kb / 6P
80V PNP MEDIUM POWER TRANSISTORS IN SOT223
Rev 2
FZT491 DIODES-FZT491_15 Datasheet
169Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT655 DIODES-FZT655_15 Datasheet
274Kb / 7P
150V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com