Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT491ATA Datasheet (PDF) - Diodes Incorporated

FZT491ATA Datasheet PDF - Diodes Incorporated
Part # FZT491ATA
Download  FZT491ATA Download
File Size   212.88 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223

FZT491ATA Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT491ATA Datasheet PDF - Diodes Incorporated

Part # FZT491ATA
Download  FZT491ATA Click to download

File Size   212.88 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223

FZT491ATA Datasheet (HTML) - Diodes Incorporated


FZT491ATA Product details

Features
• BVCEO > 40V
• IC = 1A High Continuous Current
• ICM = 2A Peak Pulse Current
• Low Saturation Voltage VCE(SAT) < 500mV @ 1A
• Complementary PNP Type: FZT591A
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Applications
• Power MOSFET Gate Driving
• Low Loss Power Switching




Similar Part No. - FZT491ATA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT491A ZETEX-FZT491A Datasheet
22Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FZT491A DIODES-FZT491A Datasheet
28Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FEBRUARY 1999
FZT491A DIODES-FZT491A_15 Datasheet
728Kb / 7P
40V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
More results


Similar Description - FZT491ATA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT491A ZETEX-FZT491A Datasheet
22Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FZT489 DIODES-FZT489 Datasheet
52Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FZT491 DIODES-FZT491 Datasheet
52Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FZT491A DIODES-FZT491A Datasheet
28Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FEBRUARY 1999
FZT493 DIODES-FZT493 Datasheet
52Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FZT657 DIODES-FZT657 Datasheet
100Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FEBRUARY 1995
BCP54 DIODES-BCP54 Datasheet
131Kb / 7P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Rev 2
logo
List of Unclassifed Man...
FZT657TA ETC2-FZT657TA Datasheet
100Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FZT458TA DIODES-FZT458TA Datasheet
272Kb / 7P
400V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT489TA DIODES-FZT489TA Datasheet
227Kb / 7P
30V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com