Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7362A Datasheet (PDF) - Diodes Incorporated

AP7362A Datasheet PDF - Diodes Incorporated
Part # AP7362A
Download  AP7362A Download
File Size   285.19 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR

AP7362A Datasheet (PDF)

Go To PDF Page Download Datasheet
AP7362A Datasheet PDF - Diodes Incorporated

Part # AP7362A
Download  AP7362A Click to download

File Size   285.19 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR

AP7362A Datasheet (HTML) - Diodes Incorporated


AP7362A Product details

Description

The AP7362 is a 1.5A adjustable output voltage linear regulator with ultra-low dropout. The device includes pass element, error amplifier, band-gap, current limit and thermal shutdown circuitry. The integrated Enable block allows the part to be turned on and off via a logic signal. A logic high level on EN turns the device on and a logic low turns the part off.

The low dropout voltage characteristics and fast transient response to step changes in load make it suitable for low voltage microprocessor applications. The typical quiescent current is approximately 0.5mA and changes little with load current. The built-in current-limit and thermal-shutdown functions prevent damage to the IC in fault conditions.

This device is available in U-DFN2030-8 and SO-8EP packages.



Features

• 1.5A ultra-low dropout linear regulator with EN

• Ultra-low dropout: 220mV at 1.5A

• Stable with 10µF input/output capacitor, any type

• Wide input voltage range: 2.7V to 5.5V

• Adjustable output voltage: 0.6V to 5.0V

• Fixed output options: 1V, 1.2V, 1.5V, 1.8V, 2.5V, 3.3V

• Low ground pin current

• 25nA quiescent current in shutdown mode

• VADJ accuracy of ±1.5% @ 25°C

• VADJ accuracy of ±3% over line, load and temperature

• Excellent Load/Line Transient Response

• Current limit and thermal shutdown protection

• Ambient temperature range: -40ºC to 85ºC

• U-DFN2030-8, SO-8EP: Available in “Green” Molding Compound (No Br, Sb)

• Lead Free Finish/ RoHS Compliant (Note 1)



Applications

• ASIC power supplies in printers, graphics cards, DVD players, STBs, routers, etc

• FPGA and DSP core or I/O power supplies

• SMPS regulator

• Conversion from 3.3Vor 5V rail



 




Similar Part No. - AP7362A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7361 DIODES-AP7361 Datasheet
326Kb / 15P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
DS33626 Rev. 1 - 2
AP7361-10 DIODES-AP7361-10 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361-10D DIODES-AP7361-10D Datasheet
531Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 9
AP7361-12 DIODES-AP7361-12 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361-15 DIODES-AP7361-15 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
More results


Similar Description - AP7362A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP133 DIODES-AP133 Datasheet
970Kb / 14P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7365 DIODES-AP7365 Datasheet
327Kb / 21P
600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 2
AP7363 DIODES-AP7363 Datasheet
299Kb / 14P
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
Rev 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com