Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP53TA Datasheet (PDF) - Diodes Incorporated

BCP53TA Datasheet PDF - Diodes Incorporated
Part # BCP53TA
Download  BCP53TA Download
File Size   116.75 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223

BCP53TA Datasheet (PDF)

Go To PDF Page Download Datasheet
BCP53TA Datasheet PDF - Diodes Incorporated

Part # BCP53TA
Download  BCP53TA Click to download

File Size   116.75 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223

BCP53TA Datasheet (HTML) - Diodes Incorporated


BCP53TA Product details

Features
• BVCEO > -45V, -60V & -80V
• IC = -1A High Continuous Collector Current
• ICM = -2A Peak Pulse Current
• 2W Power Dissipation
• Low Saturation Voltage VCE(sat) < -500mV @ -0.5A
• Gain Groups 10 and 16
• Complementary NPN Types: BCP54, 55 and 56
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Applications
• Medium Power Switching or Amplification Applications
• AF Driver and Output Stages




Similar Part No. - BCP53TA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BCP53T NEXPERIA-BCP53T Datasheet
274Kb / 14P
80 V, 1 A PNP medium power transistors
BCP53T NEXPERIA-BCP53T Datasheet
274Kb / 14P
80 V, 1 A PNP medium power transistors
Rev. 2 - 29 April 2019
BCP53T NEXPERIA-BCP53T Datasheet
287Kb / 15P
80 V, 1 A NPN medium power transistors
Rev. 3 - 1 July 2022
BCP53T-Q NEXPERIA-BCP53T-Q Datasheet
287Kb / 15P
80 V, 1 A NPN medium power transistors
Rev. 2 - 29 June 2022
BCP53T/-10T/-16T NEXPERIA-BCP53T/-10T/-16T Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
More results


Similar Description - BCP53TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT755 ZETEX-FZT755_05 Datasheet
40Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSP31 ZETEX-BSP31 Datasheet
47Kb / 1P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
FZT755 DIODES-FZT755 Datasheet
47Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ISSUE 5 MARCH 2005
FZT788B DIODES-FZT788B Datasheet
93Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM
ISSUE 3 - OCTOBER 1995
FZT790A DIODES-FZT790A Datasheet
94Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM
ISSUE 3 - OCTOBER 1995
FZT795A DIODES-FZT795A Datasheet
97Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM
ISSUE 3 - OCTOBER 1995
FZT796A DIODES-FZT796A Datasheet
90Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM
OCTOBER 1995
BCP54 DIODES-BCP54 Datasheet
131Kb / 7P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Rev 2
FZT558TA DIODES-FZT558TA Datasheet
378Kb / 6P
400V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
BCP51_52_53 DIODES-BCP51_52_53_15 Datasheet
399Kb / 7P
PNP MEDIUM POWER TRANSISTORS IN SOT223
Rev 6
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com