Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR533D Datasheet (PDF) - Rohm

2SCR533D Datasheet PDF - Rohm
Part # 2SCR533D
Download  2SCR533D Download
File Size   494.56 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Midium Power Transistors (50V / 3A)

2SCR533D Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR533D Datasheet PDF - Rohm

Part # 2SCR533D
Download  2SCR533D Click to download

File Size   494.56 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Midium Power Transistors (50V / 3A)

2SCR533D Datasheet (HTML) - Rohm




Similar Part No. - 2SCR533D

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR533D ROHM-2SCR533D Datasheet
384Kb / 8P
NPN 3.0A 50V Middle Power Transistor
More results


Similar Description - 2SCR533D

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
Midium Power Transistors (-50V / -3A)
2SCR533P ROHM-2SCR533P_09 Datasheet
235Kb / 5P
Midium Power Transistors (50V / 3A)
2SAR533D ROHM-2SAR533D Datasheet
428Kb / 6P
Midium Power Transistors (-50V / -3A)
2SAR543R ROHM-2SAR543R Datasheet
496Kb / 6P
Midium Power Transistors (-50V/-3A)
2SCR543R ROHM-2SCR543R Datasheet
439Kb / 6P
Midium Power Transistors (50V / 3A)
MP6T13 ROHM-MP6T13 Datasheet
433Kb / 6P
Midium Power Transistors (-50V / -3A)
MP6X13 ROHM-MP6X13 Datasheet
422Kb / 6P
Midium Power Transistors (50V / 3A)
QS5W2 ROHM-QS5W2 Datasheet
432Kb / 6P
Midium Power Transistors (50V / 3A)
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
Midium Power Transistors (50V / 3A)
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
Midium Power Transistors (50V / 2A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com